Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9778F Datasheet(PDF) 7 Page - Rohm

Part # BD9778F
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9778F Datasheet(HTML) 7 Page - Rohm

Back Button BD9778F_10 Datasheet HTML 3Page - Rohm BD9778F_10 Datasheet HTML 4Page - Rohm BD9778F_10 Datasheet HTML 5Page - Rohm BD9778F_10 Datasheet HTML 6Page - Rohm BD9778F_10 Datasheet HTML 7Page - Rohm BD9778F_10 Datasheet HTML 8Page - Rohm BD9778F_10 Datasheet HTML 9Page - Rohm BD9778F_10 Datasheet HTML 10Page - Rohm BD9778F_10 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
Technical Note
Description of operations
ERROR AMP
The ERROR AMP block is an error amplifier used to input the reference voltage (1 V typ.) and the INV pin voltage. The output
FB pin controls the switching duty and output voltage Vo. These INV and FB pins are externally mounted to facilitate phase
compensation. Inserting a capacitor and resistor between these pins enables adjustment of phase margin. (Refer to
recommended examples on page 11.)
SOF T START
The SOFT START block provides a function to prevent the overshoot of the output voltage Vo through gradually increasing
the normal rotation input of the error amplifier when power supply turns ON to gradually increase the switching Duty. The soft
start time is set to 5 msec (Typ.).
ON/OFF(BD9778F/HF P,BD9781HFP)
Setting the EN pin to 0.8 V or less makes it possible to shut down the circuit. Standby current is set to 0 µA (Typ.).
Furthermore, on the BD9781HFP, applying a pulse having a frequency higher than set oscillation frequency to the EN/SYNC
pin allows for external synchronization (up to +50% of the set frequency).
PWM COM PARATOR
The PWM COMPARATOR block is a comparator to make comparison between the FB pin and internal triangular wave and
output a switching pulse.
The switching pulse duty varies with the FB value and can be set in the range of 0 to 100%.
OSC(Oscillator)
The OSC block is a circuit to generate a triangular wave that is to be input in the PWM comparator. Connecting a resistor to
the RT pin enables setting of oscillation frequency.
TSD(Thermal Shut Down)
In order to prevent thermal destruction/thermal runaway of this IC, the TSD block will turn OFF the output when the chip
temperature reaches approximately 150˚C or more. When the chip temperature falls to a specified level, the output will be
reset. However, since the TSD is designed to protect the IC, the chip junction temperature should be provided with the thermal
shutdown detection temperature of less than approximately 150˚C.
CURREN T LIMIT
While the output POWER P-ch MOS FET is ON, if the voltage between drain and source (ON resistance ¥ load current)
exceeds the reference voltage internally set with the IC, this block will turn OFF the output to latch. The overcurrent protection
detection values have been set as shown below:
BD9781HFP . . . 8A(Typ.)
BD9001F,BD9778F/HFP . . . 4A(Typ.)
Furthermore, since this overcurrent protection is an automatically reset, after the output is turned OFF and latched, the latch will
be reset with the RESET signal output by each oscillation frequency.
However, this protection circuit is only effective in preventing destruction from sudden accident. It does not support for the
continuous operation of the protection circuit (e.g. if a load, which significantly exceeds the output current capacitance, is
normally connected). Furthermore, since the overcurrent protection detection value has negative temperature characteristics,
consider thermal design.
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
BD9778F, BD9778HFP, BD9001F, BD9781HFP


Similar Part No. - BD9778F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9778F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com