Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9851EFV Datasheet(PDF) 6 Page - Rohm

Part # BD9851EFV
Description  Single-output High-frequency Step-down Switching Regulator(Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9851EFV Datasheet(HTML) 6 Page - Rohm

Back Button BD9851EFV Datasheet HTML 2Page - Rohm BD9851EFV Datasheet HTML 3Page - Rohm BD9851EFV Datasheet HTML 4Page - Rohm BD9851EFV Datasheet HTML 5Page - Rohm BD9851EFV Datasheet HTML 6Page - Rohm BD9851EFV Datasheet HTML 7Page - Rohm BD9851EFV Datasheet HTML 8Page - Rohm BD9851EFV Datasheet HTML 9Page - Rohm BD9851EFV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
(BD9851EFV)
6/16
Fig.7 Error Amp threshold voltage vs. Ambient temperature
1.02
1.015
1.01
1.005
1
0.995
0.99
0.985
0.98
–40
–20
0
20
40
60
80
–40
–20
0
20
40
60
80
1000
900
800
700
600
500
400
300
200
100
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Vcc=20V
Vcc=12V
Vcc=4V
2.55
2.54
2.53
2.52
2.51
2.5
2.49
2.48
2.47
2.46
2.45
320
315
310
305
300
295
290
285
280
Fig.8 FB voltage vs. ON Duty
Fig.10 Output voltage vs. Output sink current
Fig.12 Oscillation frequency vs. Ambient temperature
–40
–20
0
20
40
60
80
1000
900
800
700
600
500
400
300
200
100
0
0
0.5
0
1.5
2
2.5
3
3.5
4
Vcc=20V
fosc=1MHz
fosc=300kHz
Vcc=12V
Vcc=4V
100
90
80
70
60
50
40
30
20
10
0
1.2
1.3
1.4
1.5
1.6
1.7
1.8
19
AMBIENT TEMPERATURE : Ta(˚C)
(Vcc-OUT) VOLTAGE : VO(V)
AMBIENT TEMPERATURE : Ta(˚C)
AMBIENT TEMPERATURE : Ta(˚C)
OUT VOLTAGE : VO (V)
DTC VOLTAGE : VDTC (V)
Fig.9 (Vcc-OUT) Voltage vs. Output source current
Fig.11 VREF vs. Ambient temperature
RRT=24kΩ
CCT=220pF


Similar Part No. - BD9851EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
More results

Similar Description - BD9851EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9845FV ROHM-BD9845FV_11 Datasheet
549Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9842FVE ROHM-BD9842FVE Datasheet
1Mb / 17P
   Dual-output High-frequency step-down Switching Regulator (Controller type)
BD9853AFV ROHM-BD9853AFV Datasheet
472Kb / 17P
   Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
BD9305AFVM ROHM-BD9305AFVM Datasheet
417Kb / 15P
   Single-output Step-up,High-efficiency Switching Regulator(Controller Type)
BD9763FVM ROHM-BD9763FVM Datasheet
383Kb / 12P
   Single-output Step-up,High-efficiency Switching Regulator (Controller Type)
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
logo
Linear Technology
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com