Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9703T Datasheet(PDF) 11 Page - Rohm

Part # BD9703T
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9703T Datasheet(HTML) 11 Page - Rohm

Back Button BD9703T Datasheet HTML 7Page - Rohm BD9703T Datasheet HTML 8Page - Rohm BD9703T Datasheet HTML 9Page - Rohm BD9703T Datasheet HTML 10Page - Rohm BD9703T Datasheet HTML 11Page - Rohm BD9703T Datasheet HTML 12Page - Rohm BD9703T Datasheet HTML 13Page - Rohm BD9703T Datasheet HTML 14Page - Rohm BD9703T Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BD9701FP/CP-V5/T/T-V5,BD9703FP/CP-V5/T/T-V5,BD9702CP-V5/T/T-V5
Technical Note
11/16
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
(BD9703FP/CP-V5/T/T-V5)
Recommended Components>
Inductor
L1=47μH
:CDRH127/LD (sumida)
Schotky Diode
D1
:RB050LA-40 (ROHM)
Capacitor
C1=100μF(50V)
:Al electric capacitor UHD1H101MPT (nichicon)
C2=2.2μF(50V)
:ceramic cap CM43X7R225K50A (KYOCERA)
C3=470μF(25V)
:Al electric capacitor UHD1E471MPT (nichicon)
C4=OPEN
C3=OPEN
(BD9702CP-V5/T/T-V5)
Recommended Components>
Inductor
L1=47μH
:CDRH127/LD (sumida)
Schotky Diode
D1
:RB050LA-40 (ROHM)
Capacitor
C1=1000μF(50V)
:Al electric capacitor UHD1H102MPT (nichicon)
C2=OPEN
C3=1000μF(25V)
:Al electric capacitor UHD1E102MPT (nichicon)
C4=OPEN
C3=OPEN
Test Circuit
I INV
Icc
Vcc
OUT
GND
INV
STBY
Vcc
SW4
SW5
SW2
1
2
3
4
5
A
Vo
f
1kΩ
A
A
V
2kΩ
VINV
ISTB
VSTB
SW6
+
+
Io
Fig.32 Input Output Measurement Circuit


Similar Part No. - BD9703T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9703T ROHM-BD9703T Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
BD9703T ROHM-BD9703T Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9703T-V5 ROHM-BD9703T-V5 Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
BD9703T-V5 ROHM-BD9703T-V5 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9703T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com