Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9702T-V5 Datasheet(PDF) 3 Page - Rohm

Part # BD9702T-V5
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9702T-V5 Datasheet(HTML) 3 Page - Rohm

  BD9702T-V5 Datasheet HTML 1Page - Rohm BD9702T-V5 Datasheet HTML 2Page - Rohm BD9702T-V5 Datasheet HTML 3Page - Rohm BD9702T-V5 Datasheet HTML 4Page - Rohm BD9702T-V5 Datasheet HTML 5Page - Rohm BD9702T-V5 Datasheet HTML 6Page - Rohm BD9702T-V5 Datasheet HTML 7Page - Rohm BD9702T-V5 Datasheet HTML 8Page - Rohm BD9702T-V5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BD9701FP/CP-V5/T/T-V5,BD9703FP/CP-V5/T/T-V5,BD9702CP-V5/T/T-V5
Technical Note
3/16
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
BD9703FP/CP-V5/T/T-V5 (Unless otherwise noted, Ta=25℃,VCC=12V,Vo=5V,STBY=3V)
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
Output ON Resistance
Ron
-
1.0
1.5
design guarantee
Efficiency
η
-
86
-
%
Io=0.5A design guarantee
Switching Frequency
fosc
270
300
330
kHz
Load Regulation
ΔVOLOAD
-
10
40
mV
VCC=20V,Io=0.5~1.5A
Line Regulation
ΔVOLINE
-
40
100
mV
VCC=10~30V,Io=1.0A
Over Current Protection Limit
Iocp
1.6
-
-
A
INV Pin Threshold Voltage
VINV
0.98
1.00
1.02
V
INV Pin Threshold Voltage
Thermal Variation
ΔVINV
-
±0.5
-
%
Tj=0~85℃ design guarantee
INV Pin Input Current
IINV
-
1
-
μA
VINV=1.0V
STBY Pin
Threshold Voltage
ON
VSTBYON
2.0
-
36
V
OFF
VSTBYOFF
-0.3
-
0.3
V
STBY Pin Input Current
Istby
5
25
50
μASTBY=3V
Circuit Current
Icc
-
5
12
mA
Stand-by Current
Ist
-
0
5
μASTBY=0V
Electrical Characteristics
BD9702FP/CP-V5/T/T-V5 (Unless otherwise noted, Ta=25℃,VCC=12V,Vo=5V,STBY=3V)
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
Output ON Resistance
Ron
-
0.5
1.5
design guarantee
Efficiency
η
-
86
-
%
Io=1A design guarantee
Switching Frequency
fosc
88
110
132
kHz
Load Regulation
ΔVOLOAD
-
10
40
mV
VCC=20V,Io=1~3A
Line Regulation
ΔVOLINE
-
40
100
mV
VCC=10~30V,Io=1.0A
Over Current Protection Limit
Iocp
3.2
-
-
A
INV Pin Threshold Voltage
VINV
0.98
1.00
1.02
V
INV Pin Threshold Voltage
Thermal Variation
ΔVINV
-
±0.5
-
%
Tj=0~85℃ design guarantee
INV Pin Input Current
IINV
-
1
-
μA
VINV=1.0V
STBY Pin
Threshold Voltage
ON
VSTBYON
2.0
-
36
V
OFF
VSTBYOFF
-0.3
-
0.3
V
STBY Pin Input Current
Istby
5
25
50
μASTBY=3V
Circuit Current
Icc
-
4
12
mA
Stand-by Current
Ist
-
0
5
μASTBY=0V


Similar Part No. - BD9702T-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9702T-V5 ROHM-BD9702T-V5 Datasheet
307Kb / 6P
   1 Channel Step-down Switching Regulator
BD9702T-V5 ROHM-BD9702T-V5 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9702T-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com