Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6578FVM Datasheet(PDF) 8 Page - Rohm

Part # BH6578FVM
Description  Reversible Motor Drivers for Output 0.5A 1 Motor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6578FVM Datasheet(HTML) 8 Page - Rohm

  BH6578FVM_09 Datasheet HTML 1Page - Rohm BH6578FVM_09 Datasheet HTML 2Page - Rohm BH6578FVM_09 Datasheet HTML 3Page - Rohm BH6578FVM_09 Datasheet HTML 4Page - Rohm BH6578FVM_09 Datasheet HTML 5Page - Rohm BH6578FVM_09 Datasheet HTML 6Page - Rohm BH6578FVM_09 Datasheet HTML 7Page - Rohm BH6578FVM_09 Datasheet HTML 8Page - Rohm BH6578FVM_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BH6578FVM,BD7931F
Technical Note
8/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operating part numer
B
H
6
5
7
8
F
V
M
-
T
R
Part No
BH
BD
Part No
6578
7931
Package
FVM : MSOP8
F : SOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8)
TR: Embossed tape and reel
(MSOP8)
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
0.1
S
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
MSOP8
0.08 S
S
8
3
1
6
2.9
±0.1
0.475
4
5
7
(MAX 3.25 include BURR)
2
1PIN MARK
0.65
0.22
+0.05
−0.04
0.145
+0.05
−0.03
4
°
+6°
−4°


Similar Part No. - BH6578FVM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM-TR ROHM-BH6578FVM-TR Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM-TR ROHM-BH6578FVM-TR Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results

Similar Description - BH6578FVM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com