Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7601FS Datasheet(PDF) 7 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 7 Page - Rohm

Back Button BH7601FS Datasheet HTML 3Page - Rohm BH7601FS Datasheet HTML 4Page - Rohm BH7601FS Datasheet HTML 5Page - Rohm BH7601FS Datasheet HTML 6Page - Rohm BH7601FS Datasheet HTML 7Page - Rohm BH7601FS Datasheet HTML 8Page - Rohm BH7601FS Datasheet HTML 9Page - Rohm BH7601FS Datasheet HTML 10Page - Rohm BH7601FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
7/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Terminal Description・Input/Output Equivalent Circuit
BH7601FS
Pin.No
Pin Name
IN
OUT
Standard
Voltage
Input/Output Equivalent Circuit
Terminal Description
1
YIN
2.8V
Y Signal Input Terminal
This terminal is Y signal
input terminal.
The input is sync tip clamp.
2
5
6
7
9
11
22
YVcc
Vcc1
Vcc2
AVcc
PBVcc
PRVcc
DVcc
5.0V
Vcc Terminal
YVcc, PBVcc, PRVcc are
Vcc terminal of video driver.
Vcc1, Vcc2, AVcc are the
Vcc terminal of the other
analog parts ( These 3
terminals are connected
inside), DVcc is Vcc
terminal of the digital parts.
10
12
PBIN
PRIN
2.1V
PB, PR
Signal Input Terminal
This terminal is the PR, PB
input terminal.
The input is bias type.
13
15
17
24
PRGND
PBGND
DAGND
YGND
0.0V
GND Terminal
PRGND, PBGND, YGND
are GND terminal of video
driver.
DAGND is the GND terminal
of the blocks except video
driver.
19
20
21
LINE3
LINE2
LINE1
Line Output Terminal
This terminal is the line 3
value output terminal for D
terminal. This terminal is
controlled by I
2C BUS.
The values in the terminal descriptions and input/output equivalent circuit are for reference only - they are not guaranteed.
100
100
2.11k
12k


Similar Part No. - BH7601FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
   3ch Video driver for digital STB
More results

Similar Description - BH7601FS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2584A NJRC-NJM2584A Datasheet
591Kb / 10P
   WIDE BAND 3 CIRCUITS VIDEO SWITCH
logo
STMicroelectronics
TEA5040S STMICROELECTRONICS-TEA5040S Datasheet
177Kb / 12P
   WIDE BAND VIDEO PROCESSOR
April 1993
TEA5040 STMICROELECTRONICS-TEA5040 Datasheet
178Kb / 12P
   WIDE BAND VIDEO PROCESSOR
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
logo
Rohm
BA7622F ROHM-BA7622F_09 Datasheet
434Kb / 17P
   Standard 3-output Video Driver
logo
STMicroelectronics
TEA5652 STMICROELECTRONICS-TEA5652 Datasheet
444Kb / 10P
   WIDE BAND VIDEO PROCESSOR
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
   Video and Wide-band Amplifier
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com