Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76206HFV Datasheet(PDF) 2 Page - Rohm

Part # BH76206HFV
Description  Compact, Low Current Consumption Single Output Video Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76206HFV Datasheet(HTML) 2 Page - Rohm

  BH76206HFV Datasheet HTML 1Page - Rohm BH76206HFV Datasheet HTML 2Page - Rohm BH76206HFV Datasheet HTML 3Page - Rohm BH76206HFV Datasheet HTML 4Page - Rohm BH76206HFV Datasheet HTML 5Page - Rohm BH76206HFV Datasheet HTML 6Page - Rohm BH76206HFV Datasheet HTML 7Page - Rohm BH76206HFV Datasheet HTML 8Page - Rohm BH76206HFV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical Note
2/8
BH76106HFV, BH76109HFV, BH76112HFV, BH76206HFV
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics (Unless otherwise noted, Typ.: Ta = 25 °C, VCC = 3.0 V)
Parameter
Symbol
Typical Values
Unit
Measurement Conditions
BH76106
HFV
BH76109
HFV
BH76112
HFV
BH76206
HFV
Circuit Current 1
Icc1
7
8
mA
With no signal
Circuit Current 2
Icc2
0.0
μA
In standby
Voltage Gain
Gv
6.0
9.0
12.0
6.0
dB
f=100kHz, Vin =1Vpp
Maximum Output Level
Vomv
2.6
Vpp
f=4.5MHz/100kHz(BH761xxHFV)
f=6MHz/100kHz(BH76206HFV)
Frequency Characteristic 1
Gf1
0.1
-0.3
dB
f=4.5MHz/100kHz(BH761xxHFV)
f=6MHz/100kHz(BH76206HFV)
Frequency Characteristic 2
Gf2
-4.0
dB
f=8.2MHz/100kHz(BH761xxHFV)
f=12MHz/100kHz(BH76206HFV)
Frequency Characteristic 3
Gf3
-45.0
-40.0
dB
f=19MHz/100kHz(BH761xxHFV)
f=27MHz/100kHz(BH76206HFV)
Y Channel output S/N
SNY
-67.0
dB
100kHz~500kHz band
75 Ω termination
100% white video signal
C Channel output S/N (AM)
SNCA
-77.0
dB
100kHz~500kHz band
75 Ω termination
100% chroma video signal
C Channel output S/N (PM)
SNCP
-65.0
dB
100kHz~500kHz band
75 Ω termination
100% chroma video signal
Differential Gain
DG
0.7
0.8
%
VIN = 1.0 Vp-p
Standard stair-step signal
Differential Phase
DP
0.7
0.8
deg
VIN = 1.0 Vp-p
Standard stair-step signal
Standby Switching Voltage
High Level
VthH
1.2~Vcc
V
Standby OFF
Standby Switching Voltage
Low Level
VthL
0~0.45
V
Standby ON
Standby Switch Input Current
High Level
IthH
45
66
μA
Applying 3.0 V to Pin 6
Control pin settings
Parameter
State
Function
Standby (Pin 6)
H
Active
L
Standby
OPEN
Standby
Block Diagram
Fig.1
Pin Descriptions
(Typical voltage is that when Vcc = 3.0 V, Ta = 25 °C)
Pin
No.
Pin
Name
IN
OUT
Typical
voltage
Equivalent Circuit
Function
4
Vcc
-
-
3.0V
Power supply pin
VCC
BH76106HFV :6dB
BH76109HFV :9dB
BH76112HFV :12dB
BH76206HFV :6dB
1
2
3
8th order
LPF
Sync_Tip
Clamp
AMP
75Ω
GND
Vsag
Vout
6
5
4
VCC
Vin
STBY


Similar Part No. - BH76206HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76206HFV ROHM-BH76206HFV Datasheet
138Kb / 6P
   3V operation Video driver (with LPF for mobile applications)
BH76206HFV ROHM-BH76206HFV Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
More results

Similar Description - BH76206HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76906GU ROHM-BH76906GU_09 Datasheet
520Kb / 17P
   Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BA7623F ROHM-BA7623F_1 Datasheet
154Kb / 5P
   Basic 3 Output Video Drivers
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com