Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76912GU Datasheet(PDF) 2 Page - Rohm

Part # BH76912GU
Description  Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76912GU Datasheet(HTML) 2 Page - Rohm

  BH76912GU Datasheet HTML 1Page - Rohm BH76912GU Datasheet HTML 2Page - Rohm BH76912GU Datasheet HTML 3Page - Rohm BH76912GU Datasheet HTML 4Page - Rohm BH76912GU Datasheet HTML 5Page - Rohm BH76912GU Datasheet HTML 6Page - Rohm BH76912GU Datasheet HTML 7Page - Rohm BH76912GU Datasheet HTML 8Page - Rohm BH76912GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BH76906GU, BH76909GU, BH76912GU, BH76916GU, BH76706GU
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operating Range
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
2.5
3.0
3.45
V
Electrical Characteristics
[Unless otherwise specified, Typ. : Ta = 25 °C, VCC = 3V]
Parameter
Symbol
Typical Values
Unit
Measurement Conditions
BH76906
GU
BH76909
GU
BH76912
GU
BH76916
GU
BH76706
GU
Circuit current 1-1
ICC1-1
15.0
m
A
In active mode (No signal)
Circuit current 1-2
ICC1-2
17.0
m
A
In active mode
(Outputting NTSC color bar
signal)
Circuit current 2
ICC2
0.0
μA
In standby mode
Circuit current 3
ICC3
100
μA
In input mode (Applying B3 =
1.5 V)
Standby switch input current
High Level
IthH1
45
μA
Applying B3 = 3.0 V
Standby switch switching voltage
High Level
VthH1
1.2V min
V
Active mode
Standby switch switching voltage
Low Level
VthL1
0.45Vmax
V
Standby mode
Standby switch outflow current
High Level
IthH2
0
μA
Applying B3 = 3.0 V
Standby switch outflow current
Middle Level
IthM2
8
μA
Applying B3 = 1.5 V
Standby switch outflow current
Low Level
IthL2
23
μA
Applying B3 = 0 V
Mode switching voltage
High Level
VthH2
VCC
-0.2
(MIN.)
V
Standby mode
Mode switching voltage
Middle Level
VthM2
VCC/2
(TYP.)
V
Input mode
Mode switching voltage
low Level
VthL2
0.2
(MAX.)
V
Active mode
Voltage gain
GV
6.0
9.0
12.0
16.5
6.0
dB
Vo=100kHz, 1.0Vpp
Maximum output level
Vomv
5.2
Vpp
f=10kHz,THD=1%
Frequency characteristic 1
Gf1
-0.2
-0.2
dB
f=4.5MHz/100KHz
Frequency characteristic 2
Gf2
-1.5
-1.4
dB
f=8.0MHz/100KHz
Frequency characteristic 3
Gf3
-26
-28
dB
f=18MHz/100KHz
Frequency characteristic 4
Gf4
-44
-48
dB
f=23.5MHz/100KHz
Differential gain
DG
0.5
%
Vo=1.0Vp-p
Inputting standard staircase
Signal
Differential phase
DP
1.0
deg
Vo=1.0Vp-p
Inputting standard staircase
signal
Y signal to noise ratio
SNY
+74
+73
+70
+70
+74
dB
100 kHz~6MHz band
Inputting 100% white video signal
C AM signal to noise ratio
SNCA
+77
+76
+75
+75
+77
dB
100~500 kHz band
Inputting 100% chroma video signal
C PM signal to noise ratio
SNCP
+65
dB
100~500 kHz band
Inputting 100% chroma video signal
Current able to flow into output pin
lextin
30
mA
Applying 4.5 V to output pin
through 150 Ω
Output DC offset
Voff
±
50max
mV
With no signal
Voff = (Vout pin voltage) ÷ 2
Input impedance
Rin
150
kΩ
Measure inflowing current when
applying A3 = 1 V
Output pin shunt switch
on resistance
Ron
3


Similar Part No. - BH76912GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
More results

Similar Description - BH76912GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV_09 Datasheet
341Kb / 9P
   Compact, Low Current Consumption Single Output Video Drivers
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com