Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76916GU Datasheet(PDF) 11 Page - Rohm

Part # BH76916GU
Description  Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76916GU Datasheet(HTML) 11 Page - Rohm

Back Button BH76916GU Datasheet HTML 7Page - Rohm BH76916GU Datasheet HTML 8Page - Rohm BH76916GU Datasheet HTML 9Page - Rohm BH76916GU Datasheet HTML 10Page - Rohm BH76916GU Datasheet HTML 11Page - Rohm BH76916GU Datasheet HTML 12Page - Rohm BH76916GU Datasheet HTML 13Page - Rohm BH76916GU Datasheet HTML 14Page - Rohm BH76916GU Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BH76906GU, BH76909GU, BH76912GU, BH76916GU, BH76706GU
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1.E+06
1.E+07
1.E+08
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1.E+06
1.E+07
1.E+08
Fig. 24 Frequency Characteristic
VCC=3V
FREQUENCY [Hz]
VCC=3V Ta=25℃
BH76906GU
BH76906GU
Fig. 16 Circuit Current vs Supply
Voltage
POWER SUPPLY VOLTAGE [V]
Ta=25℃
BH76906GU
0
5
10
15
20
25
30
01
2
3
4
5
10
15
20
25
-80
-40
0
40
80
120
TEMPERATURE [℃]
VCC=3V
BH76906GU
-0.1
0
0.1
0.2
0.3
0.4
-80
-40
0
40
80
120
VCC=3V
BH76906GU
TEMPERATURE [℃]
Fig. 22 VOUT Pin Output DC Offset
vs Supply Voltage
Ta=25℃
POWER SUPPLY VOLTAGE [V]
-15
-10
-5
0
5
2
2.5
3
3.5
4
Fig. 23 VOUT Pin Output DC Offset
vs Ambient Temperature
TEMPERATURE [℃]
-15
-10
-5
0
5
-80
-40
0
40
80
120
TEMPERATURE [℃]
VCC=3V
BH76906GU
5.8
5.9
6
6.1
6.2
-80
-40
0
40
80
120
POWER SUPPLY VOLTAGE [V]
Ta=25℃
BH76906GU
5.8
5.9
6
6.1
6.2
22.5
33.5
4
POWER SUPPLY VOLTAGE [V]
Ta=25℃
-0.1
0
0.1
0.2
0.3
0.4
22.5
3
3.5
4
BH76906GU
Fig. 25 Frequency Characteristic
FREQUENCY [Hz]
VCC=3V Ta=25℃
BH76706GU
0
50
100
150
200
-80
-40
0
40
80
120
TEMPERATURE [℃]
VCC=3V
BH76706GU
POWER SUPPLY VOLTAGE
[V]
BH76906GU
0
50
100
150
200
22.5
33.5
4
BH76706GU
Ta=25℃
Fig. 17 Circuit Current
vs Ambient Temperature
Fig. 18 Standby Circuit Current
vs Supply Voltage
Fig. 19 Standby Circuit Current
vs Ambient Temperature
Fig. 20 GND Mode Circuit Current
vs Supply Voltage
Fig. 26 Voltage Gain vs Supply Voltage
Fig. 27 Voltage Gainvs Ambient Temperature


Similar Part No. - BH76916GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76916GU ROHM-BH76916GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
More results

Similar Description - BH76916GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV_09 Datasheet
341Kb / 9P
   Compact, Low Current Consumption Single Output Video Drivers
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com