Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU239XK-E2N Datasheet(PDF) 9 Page - Rohm

Part # BU239XK-E2N
Description  3ch Clock Generator for Digital Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU239XK-E2N Datasheet(HTML) 9 Page - Rohm

Back Button BU239XK-E2N Datasheet HTML 5Page - Rohm BU239XK-E2N Datasheet HTML 6Page - Rohm BU239XK-E2N Datasheet HTML 7Page - Rohm BU239XK-E2N Datasheet HTML 8Page - Rohm BU239XK-E2N Datasheet HTML 9Page - Rohm BU239XK-E2N Datasheet HTML 10Page - Rohm BU239XK-E2N Datasheet HTML 11Page - Rohm BU239XK-E2N Datasheet HTML 12Page - Rohm BU239XK-E2N Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Reference data (BU2396KN basic data)
●Reference data (BU2396KN
Temperature and Supply voltage variations data)
Fig.56 12MHz output waveform
At VDD=3.3V and CL=15pF
5.0nsec/div
Fig.57 12MHz Period-Jitter
At VDD=3.3V and CL=15pF
500psec/div
Fig.58 12MHz Spectrum
At VDD=3.3V and CL=15pF
10KHz/div
RBW=1KHz
VBW=100Hz
Fig.59 36MHz
Temperature-Duty
Fig.60 36MHz
Temperature-Period-Jitter 1σ
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature
:T[℃]
Fig.61 36MHz
Temperature-Period-Jitter MIN-MAX
Fig.62 30MHz
Temperature-Duty
Fig.63 30MHz
Temperature-Period-Jitter 1σ
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature
:T[℃]
Fig.64 30MHz
Temperature-Period-Jitter MIN-MAX
Fig.65 24MHz
Temperature-Duty
Fig.66 24MHz
Temperature-Period-Jitter 1σ
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
Fig.67 24MHz
Temperature-Period-Jitter MIN-MAX
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V
VDD=2.9V
VDD=3.3V
VDD=3.7V


Similar Part No. - BU239XK-E2N

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU2394KN-E2 ROHM-BU2394KN-E2 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
More results

Similar Description - BU239XK-E2N

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com