Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16WS-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BAS16WS-T3
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAS16WS-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  BAS16WS-T3 Datasheet HTML 1Page - Won-Top Electronics BAS16WS-T3 Datasheet HTML 2Page - Won-Top Electronics BAS16WS-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS16WS
1 of 3
© 2002 Won-Top Electronics
BAS16WS
SURFACE MOUNT FAST SWITCHING DIODE
Features
!
High Conductance
!
Fast Switching Speed
A
!
Surface Mount Package Ideally Suited for
Automatic Insertion
!
For General Purpose Switching Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Marking: A6
H
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage Drop
@ IF = 10mA
VFM
0.855
V
Peak Reverse Leakage Current
@ VR = 75V
IRM
1.0
µA
Junction Capacitance (VR = 0V DC, f = 1.0MHz)
Cj
2.0
pF
Reverse Recovery Time (Note 2)
trr
6.0
nS
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Measured with IF = IR = 10mA, IRR = 0.1 x IR, RL = 100
.
WTE
POWER SEMICONDUCTORS
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G


Similar Part No. - BAS16WS-T3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS16WS-E3-08 VISHAY-BAS16WS-E3-08 Datasheet
86Kb / 4P
   Small Signal Fast Switching Diode
Rev. 2.0, 14-Oct-16
BAS16WS-E3-08 VISHAY-BAS16WS-E3-08 Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 2.1, 12-Jul-17
BAS16WS-E3-18 VISHAY-BAS16WS-E3-18 Datasheet
86Kb / 4P
   Small Signal Fast Switching Diode
Rev. 2.0, 14-Oct-16
BAS16WS-E3-18 VISHAY-BAS16WS-E3-18 Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 2.1, 12-Jul-17
BAS16WS-G VISHAY-BAS16WS-G Datasheet
88Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.3, 14-Oct-16
More results

Similar Description - BAS16WS-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com