Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2508FV Datasheet(PDF) 1 Page - Rohm

Part # BU2508FV
Description  High-precision 10bit 4ch-E6ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2508FV Datasheet(HTML) 1 Page - Rohm

  BU2508FV Datasheet HTML 1Page - Rohm BU2508FV Datasheet HTML 2Page - Rohm BU2508FV Datasheet HTML 3Page - Rohm BU2508FV Datasheet HTML 4Page - Rohm BU2508FV Datasheet HTML 5Page - Rohm BU2508FV Datasheet HTML 6Page - Rohm BU2508FV Datasheet HTML 7Page - Rohm BU2508FV Datasheet HTML 8Page - Rohm BU2508FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
D/A Converter Series for Electronic Adjustments
High-precision 10bit
4ch・6ch Type D/A Converters
BU2508FV, BU2507FV
Description
BU2508FV and BU2507FV ICs are high performance 10bit R-2R-type DACs with 4ch and 6ch outputs, respectively.
Each channel incorporates a full swing output-type buffer amplifier with high speed output response characteristics, resulting
in a greatly shortened wait time. The ICs also utilize the TTL level input method.
Features
1) High performance, multi-channels R-2R-type 10bit D/A converter built-in
(BU2508FV: 4 channels, BU2507FV: 6 channels)
2) Full swing output type buffer amplifier incorporated at each output channel
3) The RESET terminal can keep the voltage of all channels within the lower reference voltage range
4) Digital input compatible with TTL levels
5) 14bit 3-line serial data + RESET signal input (address 4bit + data 10bit)
6) Compact package: 14 pins, 0.65mm pitch (SSOP-B14)
Applications
DVDs, CD-Rs, CD-RWs, digital cameras
Lineup
Parameter
BU2507FV
BU2508FV
Power source voltage range
4.5 to 5.5V
4.5 to 5.5V
Number of channels
6ch
4ch
Differential non linearity error
±1.0LSB
±1.0LSB
Integral non linearity error
±3.5LSB
±3.5LSB
Data transfer frequency
10MHz
10MHz
Package
SSOP-B14
SSOP-B14
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
-0.3 to 6.0
V
D/A converter upper standard voltage
VDD
-0.3 to 6.0
V
Input voltage
VIN
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to 6.0
V
Storage temperature range
Tstg
-55 to 125
Power dissipation
Pd
350 *
mW
*
Derated at 3.5mW/℃ at Ta>25℃, mounted on a 70x70x1.6mm FR4 glass epoxy board (copper foil area less than 3%)
Note: These products are not robust against radiation
Recommended Operating Conditions (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage range
VCC
4.5 to 5.5
V
Operating temperature range
Topr
-30 to 85
No.09052EAT02


Similar Part No. - BU2508FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2508FV ROHM-BU2508FV Datasheet
329Kb / 6P
   10bit 4channels , D/A converter (with output buffer)
BU2508FV ROHM-BU2508FV Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
More results

Similar Description - BU2508FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
logo
Asahi Kasei Microsystem...
AK5483 AKM-AK5483 Datasheet
93Kb / 14P
   10Bit 20MHz 3CH A/D Converter
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com