Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4015BF-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU4015BF-E2
Description  High Voltage CMOS Logic ICs Logic>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4015BF-E2 Datasheet(HTML) 1 Page - Rohm

  BU4015BF-E2 Datasheet HTML 1Page - Rohm BU4015BF-E2 Datasheet HTML 2Page - Rohm BU4015BF-E2 Datasheet HTML 3Page - Rohm BU4015BF-E2 Datasheet HTML 4Page - Rohm BU4015BF-E2 Datasheet HTML 5Page - Rohm BU4015BF-E2 Datasheet HTML 6Page - Rohm BU4015BF-E2 Datasheet HTML 7Page - Rohm BU4015BF-E2 Datasheet HTML 8Page - Rohm BU4015BF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
General-purpose CMOS Logic IC Series (BU4S,BU4000B Series)
High Voltage CMOS Logic ICs
<Function Logic>
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
Description
BU4015B series ICs are 4-stage static shift registers, each consisting of 2 circuits. The D flip-flops of each stage share a
common reset input, enabling asynchronous reset at any time.
BU4021B series ICs are 8-bit static shift registers configured with 8 register cells, each of which has parallel input.
Control of the parallel/serial input (P/S) enables serial input/output with clock synchronization and well as parallel input/serial
output conversions.
BU4094BC series ICs are shift/store registers, each consisting of an 8-bit shift register and an 8-bit latch. Output can be held
in the data transfer mode because the data read into the shift register can be latched by the asynchronous strobe input,
The BU4538B IC is a monostable multivibrator that can be reset and retriggered from either edge of an input pulse.
A wide range of accurate output pulse widths is available because the output pulse width and accuracy are determined by
the external timing constants Cx an Rx.
The BU4028B IC is a decoder which converts BCD signals into decimal signals.
Of the 10 outputs (Q0 ~ Q9), those corresponding to the input codes A-D are set to “H”, while the others are set to “L”.
Features
1) Low power consumption
2) Wide operating supply voltage range
3) High impedance
4) High fan out
5) L-TTL2 and LS-TTL1 inputs can be driven directly.
Applications
BU4015B: serial / parallel data conversion and ring counter.
BU4021B: control circuits, timing circuits and as a general purpose register requiring high degree of noise tolerance.
BU4094BC: series/parallel data conversion and data receivers.
BU4538B: can obtain the output pulse amplitude with improved accuracy by external capacity and resistance.
BU4028B: code conversion, address decoding, memory selection control, demultiplexing or readout and decoding, etc.
Lineup
BU4015B/
BU4015BF
BU4021B/
BU4021BF
BU4094BC/
BU4094BCF/
BU4094BCFV
BU4538B
BU4028B
2
circuits
1
circuit
1
circuit
4-bit register
8-bit register
8-bit register
Monostable
multivibrator
BCD
Decimal
(Dual 4-bit static shift register)
(8-bit static shift register)
(8-bit bus compatible shift/store register)
(Dual high accuracy monostable multivibrator)
(BCD to Decimal decoder)
High VoltageCMOS Logic
<Function Logic>
2
circuits
1
circuit
No.09050EAT04


Similar Part No. - BU4015BF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4015BF ROHM-BU4015BF Datasheet
50Kb / 4P
   Dual 4-bit static shift register
More results

Similar Description - BU4015BF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
   CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com