Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4015BF-E2 Datasheet(PDF) 5 Page - Rohm

Part # BU4015BF-E2
Description  High Voltage CMOS Logic ICs Logic>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4015BF-E2 Datasheet(HTML) 5 Page - Rohm

  BU4015BF-E2 Datasheet HTML 1Page - Rohm BU4015BF-E2 Datasheet HTML 2Page - Rohm BU4015BF-E2 Datasheet HTML 3Page - Rohm BU4015BF-E2 Datasheet HTML 4Page - Rohm BU4015BF-E2 Datasheet HTML 5Page - Rohm BU4015BF-E2 Datasheet HTML 6Page - Rohm BU4015BF-E2 Datasheet HTML 7Page - Rohm BU4015BF-E2 Datasheet HTML 8Page - Rohm BU4015BF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
5/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(BU4094BC)
DC Characteristics (Unless otherwise noted VSS=0[V],Ta=25[℃])
Parameter
Symbol
Limits
Unit
Condition
Fig.No
Min
Typ
Max
VDD[V]
Input ‘H’ voltage
VIH
3.5
V
5
7.0
10
11.0
15
Input ‘L’ voltage
VIL
1.5
V
5
3.0
10
4.0
15
Input ‘H’ current
IIH
0.3
μA
15
VIH=15[V]
Input ‘L’ current
IIL
-0.3
μA
15
VIL=0[V]
Output ‘H’ voltage
VOH
4.95
V
5
IO=0[mA]
21
9.95
10
14.95
15
Output ‘L’ voltage
VOL
0.05
V
5
IO=0[mA]
22
0.05
10
0.05
15
Output ‘H’ current
IOH
-0.44
mA
5
VOH=4.6[V]
21
-1.1
5
VOH=9.5[V]
-3.0
15
VOH=13.5[V]
Output ‘L’ current
IOL
0.44
mA
5
VOL=0.4[V]
22
1.1
10
VOL=0.5[V]
3.0
15
VOL=1.5[V]
Static supply current
IDD
5
μA
5
VI=VDD or GND
10
10
20
15
Switching Characteristics (Unless otherwise noted VSS=0[V],Ta=25[℃],CL=50[pF])
Parameter
Symbol
Limits
Unit
Condition
Fig.No
Min
Typ
Max
VDD[V]
Output rising time
tTLH
100
200
ns
5
50
100
10
40
80
15
Output falling time
tTHL
100
200
ns
5
50
100
10
40
80
15
Propagation delay time
CLOCK→QS
tPLH
tPHL
350
600
ns
5
23
125
250
10
95
190
15
Propagation delay time
CLOCK→Q’S
tPLH
tPHL
230
460
ns
5
24
110
220
10
75
150
15
Propagation delay time
CLOCK→QN
tPLH
tPHL
420
840
ns
5
25
195
390
10
135
270
15
Propagation delay time
STROBE→QN
tPLH
tPHL
290
580
ns
5
26
145
290
10
100
200
15
3state
Propagation delay time
Output Enable→QN
tPHZ
tPZH
140
280
ns
5
RL=1[kΩ]
27
75
150
10
55
110
15
3 state
Propagation delay time
Output Enable→QN
tPLZ
tPZL
140
280
ns
5
RL=1[kΩ]
28
75
150
10
55
110
15
Minimum set up time
DATA→CLOCK
tsu
20
125
ns
5
29
855
10
635
15
Minimum hold time
CLOCK →DATA
tH
10
40
ns
5
30
10
20
10
515
15
Minimum clock pulse
width
tW(CLK)
100
200
ns
5
31
50
100
10
40
80
15
Maximum clock
rising/falling time
tr(CL)
tf(CL)
NO Limit
μs
5
10
15
Maximum clock
frequency
f CL
1.25
2.5
MHz
2.5
5
3.0
12.5
Minimum
strobe pulse width
TwH
100
200
ns
40
80
35
70
Input capacitance
CIN
5
pF


Similar Part No. - BU4015BF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4015BF ROHM-BU4015BF Datasheet
50Kb / 4P
   Dual 4-bit static shift register
More results

Similar Description - BU4015BF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
   CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com