Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52051GUL-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD52051GUL-E2
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52051GUL-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD52051GUL-E2 Datasheet HTML 2Page - Rohm BD52051GUL-E2 Datasheet HTML 3Page - Rohm BD52051GUL-E2 Datasheet HTML 4Page - Rohm BD52051GUL-E2 Datasheet HTML 5Page - Rohm BD52051GUL-E2 Datasheet HTML 6Page - Rohm BD52051GUL-E2 Datasheet HTML 7Page - Rohm BD52051GUL-E2 Datasheet HTML 8Page - Rohm BD52051GUL-E2 Datasheet HTML 9Page - Rohm BD52051GUL-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
6/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Figure of measurement circuit
Product Name
IOUT
BU52001GUL, BU52021HFV,
BU52025G, BD7411G
1.0mA
BU52015GUL, BU52051NVX,
BU52011HFV
0.5mA
Product Name
IOUT
BU52001GUL, BU52021HFV, BU52025G,
BD7411G
1.0mA
BU52015GUL, BU52051NVX,
BU52011HFV
0.5mA
Product Name
C
BU52001GUL,BU52015GUL,BU52051NVX,
BU52011HFV, BU52021HFV, BU52025G
2200μF
BD7411G
100μF
Bop/Brp
VDD
VDD
GND
OUT
100μF
V
Tp
200Ω
VDD
VDD
GND
OUT
IDD
VDD
VDD
GND
OUT
C
A
VOH
VDD
GND
OUT
100μF
V
IOUT
VOL
VDD
VDD
GND
OUT
100μF
V
IOUT
Oscilloscope
The period is monitored by Oscilloscope.
Bop and Brp are measured with applying the magnetic field
from the outside.
Fig.1
Bop,Brp measurement circuit
Fig.2
Tp measurement circuit
Fig.3
VOH measurement circuit
Fig.4
VOL measurement circuit
Fig.5
IDD measurement circuit
VDD


Similar Part No. - BD52051GUL-E2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD520 MOTOROLA-BD520 Datasheet
91Kb / 2P
   PNP ILICON ANNULAR AMPLIFIER TRANSISTORS
logo
Rohm
BD52002GUL-E2 ROHM-BD52002GUL-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002GUL-TR ROHM-BD52002GUL-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002HFV-E2 ROHM-BD52002HFV-E2 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BD52002HFV-TR ROHM-BD52002HFV-TR Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
More results

Similar Description - BD52051GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com