Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0282A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0282A
Description  SAW Resonator 460 MHz SMD3.8X3.8 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0282A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0282A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0282A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0282A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0282A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0282A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 460 MHz
MODEL NO.: TC0282A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
459.900
460
460.100
Insertion Loss IL
dB
-
1.62
2.5
Equivalent Elements
Motional capacitance C1
fF
-
1.21
-
Motional inductance L1
μ
H
-
98.94
-
Motional resistance R1
Ohm
-
23.41
-
Parallel capacitance Co
pF
-
2.45
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
10
40
Package size
SMD3.8X3.8X1.4 mm
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
D.OUTLINE DRAWING:
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TC0282A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
   SAW Resonator 455 MHz SMD3.8X3.8 mm
TC0281A TAI-SAW-TC0281A Datasheet
237Kb / 5P
   SAW Resonator 456 MHz SMD3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0281A GOLLEDGE-TC0281A Datasheet
68Kb / 4P
   SAW Resonator 456MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0283A TAI-SAW-TC0283A Datasheet
237Kb / 5P
   SAW Resonator 462.5375 MHz SMD3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0283A GOLLEDGE-TC0283A Datasheet
162Kb / 4P
   SAW Resonator 462.5375MHz
More results

Similar Description - TC0282A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0281A TAI-SAW-TC0281A Datasheet
237Kb / 5P
   SAW Resonator 456 MHz SMD3.8X3.8 mm
TC0283A TAI-SAW-TC0283A Datasheet
237Kb / 5P
   SAW Resonator 462.5375 MHz SMD3.8X3.8 mm
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
   SAW Resonator 455 MHz SMD3.8X3.8 mm
TC0287A TAI-SAW-TC0287A Datasheet
311Kb / 5P
   SAW Resonator 302 MHz SMD3.8X3.8 mm
TB360EC TAI-SAW-TB360EC Datasheet
415Kb / 8P
   SAW Filter 360 MHz SMD3.8x3.8 mm
TC0279A TAI-SAW-TC0279A Datasheet
245Kb / 5P
   SAW Resonator 433.9 MHz SMD5.0X5.0 mm
TC0260A TAI-SAW-TC0260A Datasheet
345Kb / 5P
   SAW Resonator 314.525 MHz SMD5.0X5.0 mm
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
   SAW Resonator 390 MHz SMD5X5 mm
TC0272A TAI-SAW-TC0272A Datasheet
286Kb / 4P
   SAW Resonator 403.55 MHz SMD3X3 mm
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com