Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0314A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0314A
Description  SAW Resonator 800 MHz SMD 3.8X3.8 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0314A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0314A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0314A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0314A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0314A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0314A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-03S06-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Resonator 800 MHz SMD 3.8X3.8 mm
TST Parts No.: TC0314A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Asin Lin
Approval by:
Francis Chen
Date:
2006/01/13


Similar Part No. - TC0314A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TC0314A GOLLEDGE-TC0314A Datasheet
206Kb / 4P
   800.0MHz SAW Resonator
More results

Similar Description - TC0314A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0248A TAI-SAW-TC0248A Datasheet
285Kb / 5P
   SAW Resonator 433.000 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
   SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0429A TAI-SAW-TC0429A Datasheet
278Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.8X3.8 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
   SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
   SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0327BA3510 TAI-SAW-TC0327BA3510 Datasheet
831Kb / 6P
   SAW Resonator 840 MHz SMD 3.8X3.8 mm
TC0177A TAI-SAW-TC0177A Datasheet
315Kb / 4P
   SAW Resonator 804.681 MHz SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com