Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1235A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SA1235A
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SA1235A Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SA1235A Datasheet HTML 1Page - Rectron Semiconductor 2SA1235A Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MECHANICAL DATA
Case: Molded plastic
*
Epoxy: UL 94V-O rate flame retardant
*
Lead: MIL-STD-202E method 208C guaranteed
*
Mounting position: Any
*
Weight: 0.008 gram
SOT-23
2SA1235A
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
CLASSIFICATION OF hFE(1)
RANK
Collector-Base Breakdown Voltage (IC= -100 mA, IE=0)
Collector-Emitter Breakdown Voltage (IC= -100 mA, IB=0)
Emitter-Base Breakdown Voltage (IE= -100 mA, IC=0)
SYMBOL
MAX
MIN
-60
-50
-6
90
180
5
20
-1
-0.3
MHZ
d
B
d
B
500
-0.1
-0.1
150
V(BR)CBO
V(BR)CEO
VCE(sat)
V(BR)EBO
UNITS
V
V
V
V
V
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
Dimensions in inches and (millimeters)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
1
3
BASE
EMITTER
COLLECTOR
2
1
3
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0.047(1.20)
0.055(1.40)
ICBO
hFE
m
A
m
A
Collector Cut-Off Current (VCB= -60V, IE=0)
Emitter Cut-Off Current (VEB= -6V, IC=0)
DC Current Gain(VCB= -6V, IC= -1mA)
DC Current Gain(VCE= -6V, IC= -0.1mA)
Collector-Emitter Saturation Voltage(IC=-100 mA, IB= -10mA)
Base-Emitter Saturation Voltage(IC=-100 mA, IB= -10mA)
Tiansition Frequency(VCE= -6V, IC= -10mA)
Collector Output Capacitance(VCE= -6V, IE=0, f=1MHZ)
Noise Figure(VCE= -6V, IE= 0.3mA, f=100HZ, RG=10KW)
IEBO
Range
Marking
CHARACTERISTICS
* Power dissipation
PCM :
0.2
W(Tamb=25OC)
* Collector current
ICM :
-0.2
A
* Collector-base voltage
V(BR)CBO :
-60
V
* Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
VBE(sat)
fT
Cob
NF
E
150~300
M E
F
250~500
-
-
-
-
-
-
-
-
-
-
-
-
-
.
M E
.


Similar Part No. - 2SA1235A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1235A ETC-2SA1235A Datasheet
313Kb / 2P
   PNP TRANSISTOR
logo
Jinan Jing Heng Electro...
2SA1235A JINGHENG-2SA1235A Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
logo
Nanjing International G...
2SA1235A DGNJDZ-2SA1235A Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1235A BILIN-2SA1235A Datasheet
135Kb / 3P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SA1235A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com