Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC817
Description  NPN Silicon Planar Epitaxial Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC817 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC817 Datasheet HTML 1Page - Rectron Semiconductor BC817 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC817
TECHNICAL SPECIFICATION
Absolute Maximun Ratings (Ta=25oC unless specified otherwise)
Dimensions SOT-23
Desription
SYMBOL
VALUE
UNITS
Collector-Emitter Voltage (V
BE = 0V )
V
CES
50
V
Collector Emitter Voltage (open base)
I
C = 10m A
V
CEO
45
V
Emitter Base Voltage
V
EBO
5V
Collector Current (DC)
I
C
500
mA
Collector Current - Peak
ICM
1000
mA
Emitter Current - Peak
(-IEM)
1000
mA
Base Current - (DC)
IB
100
mA
Base Current - Peak
IBM
200
mA
Total Power Dissipation up to Tamb = 25 °C
Ptot
250
mW
Storage Temperature
Tstg
(-55 to +150)
°C
Junction Temperature
TJ
150
°C
From junction to ambient
Rth(j-a)
500
k / W
Thermal Resistance
NPN Silicon Planar Epitaxial Transistor
1BASE
2EMITTER
3
COLLECTOR


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Shanghai Shunye Electro...
BC817 SHUNYE-BC817 Datasheet
91Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Dongguan Pingjingsemi T...
BC817 PJSEMI-BC817 Datasheet
366Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com