Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC847
Description  NPN Silicon Planar Epitaxial Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC847 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC847 Datasheet HTML 1Page - Rectron Semiconductor BC847 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC846
BC847
BC848
MIN TYP MAX
15
4
0.58
0.7
0.77
0.25
0.60
0.7
0.9
90
150
270
110
450
110
800
110
220
200
450
420
800
2.5
100
125
500
125
900
125
260
240
500
450
900
10
BC856
BC857/BC858
| hfe |
DC Current Gain
IC = 10uA, VCE = 5V
BC846A/BC847A/BC848A
BC846B/BC847B/BC848B
BC847C/BC848C
hFE
Collector Emitter Saturation Voltage
VCE(Sat)
IC = 10mA, IB = 0.5mA
UNITS
DESCRIPTION
SYMBOL
IC = 2mA, VCE = 5V
fT
Small Signal Current Gain
Transition Frequency
Base Emitter On Voltage
TEST CONDITION
VBE(on)*
IC = 2mA, VCE = 5V
IC = 10mA, VCE = 5V
Collector Cut Off Current
ICBO
VCB = 30V, IE = 0
nA
VCB = 30V, IE = 0, Tj = 150
oC
uA
IC = 100mA, IB = 5mA
IC = 100mA, IB = 5mA
Base Emitter Saturation Voltage
VBE(Sat)***
IC = 10mA, IB = 0.5mA
BC847C/BC848C
BC846B/BC847B/BC848B
BC846A/BC847A/BC848A
IC = 2mA, VCE = 5V, f= 1kHZ
IE = ie = 0, VCB = 10V, f = 1MHZ
pF
BC847/BC848
BC846
*VBE (on) decreases by about 2mV/K with increase temperature.
***VBE (Sat) decreases by about 1.7mV/K with increase temperature.
V
V
V
IC = 10mA, VCB = 5V, f = 100MHZ
MHZ
Collector Capacitance
CC
dB
BC846A/BC847A/BC848A
NF
IC = 0.2mA, VCE = 5V
RS= 2k ohm, f = 1KHZ, B= 200HZ
Noise Figure
BC846B/BC847B/BC848B
BC847C/BC848C
Electrical Characteristics (at Ta=25
oC unless otherwise specified)
www.rectron.com
2 of 2


Similar Part No. - BC847

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
KODENSHI_AUK CORP.
BC847 KODENSHI-BC847 Datasheet
267Kb / 4P
   General purpose application
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Jiangsu High diode Semi...
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
Pan Jit International I...
BC847 PANJIT-BC847 Datasheet
595Kb / 6P
   NPN GENERAL PURPOSE TRANSISTORS
More results

Similar Description - BC847

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com