Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C36BSB Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BZX55C36BSB
Description  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX55C36BSB Datasheet(HTML) 2 Page - Rectron Semiconductor

  BZX55C36BSB Datasheet HTML 1Page - Rectron Semiconductor BZX55C36BSB Datasheet HTML 2Page - Rectron Semiconductor BZX55C36BSB Datasheet HTML 3Page - Rectron Semiconductor BZX55C36BSB Datasheet HTML 4Page - Rectron Semiconductor BZX55C36BSB Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.0
5.0
4.47
4.47
4.91
4.65
5.0
100
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
MAX
MAX
MIN
( V )
VR
( mA )
IZT
( uA )
IR @TA =25OC
TYPE
MARKING
BZX55C 4.7BS
BZX55C 4.7BSA
4.59
4.77
BZX55C 4.7BSB
4.71
4.91
BZX55C 4.7BSC
1.5
5.0
4.85
4.85
5.35
5.03
5.0
70
BZX55C 5.1BS
BZX55C 5.1BSA
4.97
5.18
BZX55C 5.1BSB
5.12
5.35
BZX55C 5.1BSC
2.5
5.0
5.29
5.29
5.88
5.52
5.0
40
BZX55C 5.6BS
BZX55C 5.6BSA
5.46
5.70
BZX55C 5.6BSB
5.64
5.88
BZX55C 5.6BSC
3.0
5.0
5.81
5.81
6.40
6.06
5.0
30
BZX55C 6.2BS
BZX55C 6.2BSA
5.99
6.24
BZX55C 6.2BSB
6.16
6.40
BZX55C 6.2BSC
4.0
0.5
6.88
6.88
7.64
7.19
5.0
25
BZX55C 7.5BS
BZX55C 7.5BSA
7.11
7.41
BZX55C 7.5BSB
7.33
7.64
BZX55C 7.5BSC
5.0
0.5
7.56
7.56
8.41
7.90
5.0
20
BZX55C 8.2BS
BZX55C 8.2BSA
7.82
8.15
BZX55C 8.2BSB
8.07
8.41
BZX55C 8.2BSC
6.0
0.5
8.33
8.33
9.29
8.70
5.0
20
BZX55C 9.1BS
BZX55C 9.1BSA
8.61
8.99
BZX55C 9.1BSB
8.89
9.29
BZX55C 9.1BSC
7.0
0.2
9.19
9.19
10.30
9.59
5.0
20
BZX55C 10BS
BZX55C 10BSA
9.48
9.90
BZX55C 10BSB
9.82
10.30
BZX55C 10BSC
8.0
0.2
10.18
10.18
11.26
10.36
5.0
20
BZX55C 11BS
BZX55C 11BSA
10.50
10.95
BZX55C 11BSB
10.82
11.26
BZX55C 11BSC
3.5
2.0
6.32
6.32
6.97
6.59
5.0
25
BZX55C 6.8BS
BZX55C 6.8BSA
6.52
6.79
BZX55C 6.8BSB
6.70
6.97
4V7
4V7A
4V7B
4V7C
5V1
5V1A
5V1B
5V1C
5V6
5V6A
5V6B
5V6C
6V2
6V2A
6V2B
6V2C
7V5
7V5A
7V5B
7V5C
8V2
8V2A
8V2B
8V2C
9V1
9V1A
9V1B
9V1C
10V
10VA
10VB
10CV
11V
11VA
11VB
11VC
6V8
6V8A
6V8B
6V8C
BZX55C 6.8BSC
MAX
(NOTE)
( V )
(NOTE)
VZT @IZT
( W )
RZT @IZT


Similar Part No. - BZX55C36BSB

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZX55C36 SUNMATE-BZX55C36 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C36 VISHAY-BZX55C36 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Yangzhou yangjie electr...
BZX55C36 YANGJIE-BZX55C36 Datasheet
196Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C36 CHONGQING-BZX55C36 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C36 VISHAY-BZX55C36 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Similar Description - BZX55C36BSB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com