Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM520 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM520
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM520 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM520 Datasheet HTML 1Page - Rectron Semiconductor FM520 Datasheet HTML 2Page - Rectron Semiconductor FM520 Datasheet HTML 3Page - Rectron Semiconductor FM520 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM5200
THRU
FM520
DO-214AB
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
5.0
150
55
200
Amps
0
C/W
0
C
Storage Temperature Range
R q J A
17
R q J L
IO
pF
Operating Temperature Range
TJ
FM520
20
-55 to + 150
150
0
C
FM530
FM540
FM550
FM560 FM580
30
40
50
60
14
21
28
35
42
20
30
40
50
60
FM5100
FM5150
FM5200
FM520
FM530
FM540
FM550 FM560
FM580
FM5100
FM5150
FM5200
80
100
150
200
80
100
150
200
56
70
105
140
2006-11
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.55
mA
UNITS
.75
.85
0.103 ( 2.62 )
0.079 ( 2.06 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.060 ( 1.52 )
0.030 ( 0.76 )
0.320 ( 8.13 )
0.305 ( 7.75 )
0.280 ( 7.11 )
0.260 ( 6.60 )
0.245 ( 6.22 )
0.220 ( 5.59 )
0.125 (3.17 )
0.115 (2.92 )
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA


Similar Part No. - FM520

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM520 FORMOSA-FM520 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM520 RECTRON-FM520 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM520 FRONTIER-FM520 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Frontier Electronics.
FM520-BS FRONTIER-FM520-BS Datasheet
641Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
More results

Similar Description - FM520

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM520L RECTRON-FM520L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM520V RECTRON-FM520V Datasheet
425Kb / 7P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
2018-05 REV: F
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
SS52BF RECTRON-SS52BF Datasheet
136Kb / 5P
   Surface Mount Schottky Barrier Rectifier VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Amperes
2017-07 REV:O1
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM320L RECTRON-FM320L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere
FM120 RECTRON-FM120_V01 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
SS510HF RECTRON-SS510HF Datasheet
471Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 5.0 Ampere
2021-06/01 REV:O
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com