Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM520 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # FM520
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM520 Datasheet(HTML) 3 Page - Rectron Semiconductor

  FM520 Datasheet HTML 1Page - Rectron Semiconductor FM520 Datasheet HTML 2Page - Rectron Semiconductor FM520 Datasheet HTML 3Page - Rectron Semiconductor FM520 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mounting Pad Layout
Dimensions in inches and (millimeters)
0.121MIN.
( 3.07MIN.)
0.185 MAX.
(4.69 MAX.)
0.060 MAX.
(1.52 MAX.)
0.320 REF


Similar Part No. - FM520

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM520 FORMOSA-FM520 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM520 RECTRON-FM520 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM520 FRONTIER-FM520 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Frontier Electronics.
FM520-BS FRONTIER-FM520-BS Datasheet
641Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
More results

Similar Description - FM520

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM520L RECTRON-FM520L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM520V RECTRON-FM520V Datasheet
425Kb / 7P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
2018-05 REV: F
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
SS52BF RECTRON-SS52BF Datasheet
136Kb / 5P
   Surface Mount Schottky Barrier Rectifier VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Amperes
2017-07 REV:O1
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM320L RECTRON-FM320L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere
FM120 RECTRON-FM120_V01 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
SS510HF RECTRON-SS510HF Datasheet
471Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 5.0 Ampere
2021-06/01 REV:O
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com