Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4933L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM4933L
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4933L Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM4933L Datasheet HTML 1Page - Rectron Semiconductor FM4933L Datasheet HTML 2Page - Rectron Semiconductor FM4933L Datasheet HTML 3Page - Rectron Semiconductor FM4933L Datasheet HTML 4Page - Rectron Semiconductor FM4933L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED
FAST RECOVERY SILICON RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM4937L
THRU
FM4933L
SMAL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
70
15
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J L
Typical Thermal Resistance (Note 1)
30
R q J A
IO
pF
Operating Temperature Range
TJ
FM4933L
50
-55 to + 150
150
0
C
FM4934L
FM4935L
FM4936L
FM4937L
FM4933L
FM4934L
FM4935L
FM4936L
FM4937L
100
200
400
35
70
140
280
50
100
200
400
600
600
420
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Full Load Reverse Current, Full
cycle Average TA =55OC
Maximum Reverse Recovery Time (Note 4)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
m
A
m
A
m
A
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
2
50
100
200
nSec
@TA = 25
oC
@TA = 100
oC
UNITS
1.2
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Ideal for surface mounted applications
* Glass passivated device
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.057 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
0.067 ( 1.70 )
0.063 ( 1.60 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.059 ( 1.50 )
0.035 ( 0.89 )
0.209 ( 5.31 )
0.185 ( 4.70 )
0.180 ( 4.57 )
0.160 ( 4.06 )
0.110 ( 2.79 )
0.086 ( 2.18 )
0.067 (1.70 )
0.051 (1.29 )


Similar Part No. - FM4933L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4933 RECTRON-FM4933 Datasheet
30Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
Formosa MS
FM4933 FORMOSA-FM4933 Datasheet
40Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
logo
PACELEADER INDUSTRIAL
FM4933 PACELEADER-FM4933 Datasheet
445Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
logo
Shenzhen Taychipst Elec...
FM4933 TAYCHIPST-FM4933 Datasheet
4Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
More results

Similar Description - FM4933L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4933 RECTRON-FM4933 Datasheet
30Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
SM4933 RECTRON-SM4933 Datasheet
29Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
SM4933 RECTRON-SM4933_07 Datasheet
266Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1A RECTRON-ES1A Datasheet
242Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1ASL RECTRON-ES1ASL Datasheet
179Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1AF RECTRON-ES1AF Datasheet
382Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
EFM101B RECTRON-EFM101B_V01 Datasheet
101Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
2011-10 REV: O
EFM101F RECTRON-EFM101F Datasheet
100Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FM4933W RECTRON-FM4933W Datasheet
34Kb / 3P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com