Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR806K Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FR806K
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FR806K Datasheet(HTML) 1 Page - Rectron Semiconductor

  FR806K Datasheet HTML 1Page - Rectron Semiconductor FR806K Datasheet HTML 2Page - Rectron Semiconductor FR806K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FR801K
THRU
FR807K
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: D-PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 grams
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
8.0
200
3
16
50
Amps
0
C/W
0
C
Operating and Storage Temperature Range
Rq JC
Rq JA
IO
-55 to + 150
pF
Volts
100
FR801K
FR803K
FR805K
FR802K
FR804K
200
800
FR806K
50
100
200
800
50
70
140
560
35
1000
FR807K
1000
700
400
400
280
600
600
420
2006-12
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 3)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
2
150
@TA = 100
oC
@TA = 25
oC
trr
1.3
150
500
250
UNITS
FR801K
FR803K
FR805K
FR802K
FR804K
FR806K FR807K
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Test conditions: IF= 0.5A, IR= -0.1A, IRR=-0.25A.
4. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
5. Suffix "R" for Reverse Polarity.
6. Suffix "S" for D2-PAK Pkg.
D-PAK
Dimensions in inches and (millimeters)
.264 (6.7)
.248 (6.3)
.098 (2.5)
.083 (2.1)
.024 (0.6)
.016 (0.4)
.217 (5.5)
.201 (5.1)
.031 (0.8)
.016 (0.4)
.183 (4.65)
TYP .091
(2.30)
TYP .020
(0.50)
.179 (4.55)
PIN 1
PIN 2
PIN 3
HEATSINK
PIN1
PIN2
PIN3


Similar Part No. - FR806K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR806 RECTRON-FR806 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
SUNMATE electronic Co.,...
FR806 SUNMATE-FR806 Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
logo
Bytes
FR806 BYTES-FR806 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR806 FORMOSA-FR806 Datasheet
36Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR806 DAESAN-FR806 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - FR806K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR801 RECTRON-FR801_V01 Datasheet
103Kb / 5P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
2016-08 REV:A
FR801S RECTRON-FR801S_V01 Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
2003-1
FR801S RECTRON-FR801S Datasheet
23Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
   GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FR151G RECTRON-FR151G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
SF81 RECTRON-SF81 Datasheet
24Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
SF81S RECTRON-SF81S_V01 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2002-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com