Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ33C Datasheet(PDF) 4 Page - Won-Top Electronics

Part # 1.5SMCJ33C
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1.5SMCJ33C Datasheet(HTML) 4 Page - Won-Top Electronics

  1.5SMCJ33C Datasheet HTML 1Page - Won-Top Electronics 1.5SMCJ33C Datasheet HTML 2Page - Won-Top Electronics 1.5SMCJ33C Datasheet HTML 3Page - Won-Top Electronics 1.5SMCJ33C Datasheet HTML 4Page - Won-Top Electronics 1.5SMCJ33C Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.5SMCJ SERIES
4 of 5
© 2002 Won-Top Electronics
BI-DIRECTIONAL 1500 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
1.5SMCJ5.0C
1.5SMCJ5.0CA
1.5SMCJ6.0C
1.5SMCJ6.0CA
BDD
BDE
BDF
BDG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
156.2
163.0
131.6
145.6
2000
2000
2000
2000
1.5SMCJ6.5C
1.5SMCJ6.5CA
1.5SMCJ7.0C
1.5SMCJ7.0CA
BDH
BDK
BDL
BDM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
122.0
133.9
112.8
125.0
1000
1000
400
400
1.5SMCJ7.5C
1.5SMCJ7.5CA
1.5SMCJ8.0C
1.5SMCJ8.0CA
BDN
BDP
BDQ
BDR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
104.9
116.3
100.0
110.3
200
200
100
100
1.5SMCJ8.5C
1.5SMCJ8.5CA
1.5SMCJ9.0C
1.5SMCJ9.0CA
BDS
BDT
BDU
BDV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
94.3
104.2
88.7
97.4
50
50
20
20
1.5SMCJ10C
1.5SMCJ10CA
1.5SMCJ11C
1.5SMCJ11CA
BDW
BDX
BDY
BDZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
79.8
88.2
74.6
82.4
5
5
5
5
1.5SMCJ12C
1.5SMCJ12CA
1.5SMCJ13C
1.5SMCJ13CA
BED
BEE
BEF
BEG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
68.2
75.3
63.0
69.7
5
5
5
5
1.5SMCJ14C
1.5SMCJ14CA
1.5SMCJ15C
1.5SMCJ15CA
BEH
BEK
BEL
BEM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
58.1
64.7
55.8
61.5
5
5
5
5
1.5SMCJ16C
1.5SMCJ16CA
1.5SMCJ17C
1.5SMCJ17CA
BEN
BEP
BEQ
BER
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
52.1
57.7
49.2
53.3
5
5
5
5
1.5SMCJ18C
1.5SMCJ18CA
1.5SMCJ20C
1.5SMCJ20CA
BES
BET
BEU
BEV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
46.6
51.4
41.9
46.3
5
5
5
5
1.5SMCJ22C
1.5SMCJ22CA
1.5SMCJ24C
1.5SMCJ24CA
BEW
BEX
BEY
BEZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
38.1
42.2
34.9
38.6
5
5
5
5
1.5SMCJ26C
1.5SMCJ26CA
1.5SMCJ28C
1.5SMCJ28CA
BFD
BFE
BFF
BFG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
32.2
35.6
30.0
33.0
5
5
5
5
1.5SMCJ30C
1.5SMCJ30CA
1.5SMCJ33C
1.5SMCJ33CA
BFH
BFK
BFL
BFM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
28.0
31.0
25.2
28.1
5
5
5
5
1.5SMCJ36C
1.5SMCJ36CA
1.5SMCJ40C
1.5SMCJ40CA
BFN
BFP
BFQ
BFR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
23.3
25.8
21.0
23.2
5
5
5
5
1.5SMCJ43C
1.5SMCJ43CA
1.5SMCJ45C
1.5SMCJ45CA
BFS
BFT
BFU
BFV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.6
69.4
80.3
72.7
19.6
21.6
18.7
20.6
5
5
5
5
1.5SMCJ48C
1.5SMCJ48CA
1.5SMCJ51C
1.5SMCJ51CA
BFW
BFX
BFY
BFZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
17.5
19.4
18.5
18.2
5
5
5
5
1.5SMCJ54C
1.5SMCJ54CA
1.5SMCJ58C
1.5SMCJ58CA
BGD
BGE
BGF
BGG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
15.6
17.2
14.6
16.0
5
5
5
5
1.5SMCJ60C
1.5SMCJ60CA
1.5SMCJ64C
1.5SMCJ64CA
BGH
BGK
BGL
BGM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
14.0
15.5
13.2
14.6
5
5
5
5
1.5SMCJ70C
1.5SMCJ70CA
1.5SMCJ75C
1.5SMCJ75CA
BGN
BGP
BGQ
BGR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
12.0
13.3
11.2
12.4
5
5
5
5
1.5SMCJ78C
1.5SMCJ78CA
1.5SMCJ85C
1.5SMCJ85CA
BGS
BGT
BGU
BGV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
10.8
11.4
9.9
10.4
5
5
5
5
1.5SMCJ90C
1.5SMCJ90CA
1.5SMCJ100C
1.5SMCJ100CA
BGW
BGX
BGY
BGZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
9.4
10.3
8.4
9.3
5
5
5
5
1.5SMCJ110C
1.5SMCJ110CA
1.5SMCJ120C
1.5SMCJ120CA
BHD
BHE
BHF
BHG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
7.7
8.4
7.0
7.9
5
5
5
5
1.5SMCJ130C
1.5SMCJ130CA
1.5SMCJ150C
1.5SMCJ150CA
BHH
BHK
BHL
BHM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
269.0
243.0
6.5
7.2
5.6
6.2
5
5
5
5
1.5SMCJ160C
1.5SMCJ160CA
1.5SMCJ170C
1.5SMCJ170CA
BHN
BHP
BHQ
BHR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
5.2
5.8
4.9
5.5
5
5
5
5


Similar Part No. - 1.5SMCJ33C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ33C PANJIT-1.5SMCJ33C Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ33C WTE-1.5SMCJ33C Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5SMCJ33C DIOTEC-1.5SMCJ33C Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
logo
Pan Jit International I...
1.5SMCJ33CA PANJIT-1.5SMCJ33CA Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ33CA WTE-1.5SMCJ33CA Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ33C

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMCJ-AT UNSEMI-SMCJ-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
15KE WTE-15KE Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
15SMBJ UNSEMI-15SMBJ Datasheet
3Mb / 6P
   5.0 To 200V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMC UNSEMI-TPSMC Datasheet
2Mb / 6P
   12 To 91V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMCJ UNSEMI-TPSMCJ Datasheet
2Mb / 6P
   10 To 78V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com