Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1A-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # GS1A-T3
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GS1A-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  GS1A-T3 Datasheet HTML 1Page - Won-Top Electronics GS1A-T3 Datasheet HTML 2Page - Won-Top Electronics GS1A-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GS1A – GS1M
2 of 3
© 2002 Won-Top Electronics
0
0.2
0.4
0.6
0.8
1.0
40
60
80
100
120
140
160
180
T , LEAD TEMPERATURE
(
C )
Fig. 1 Forward Current Derating Curve
L
°
Resistive or
inductive load
0
40
80
120
0.01
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25 C
j
°
1
10
100
5
10
15
20
25
30
NUMBER OF CYCLES @ 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
0.4
0.8
0.01
0.1
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
1.0
T = 25 C
PULSE WIDTH = 300 s
2% DUTY CYCLE
j
°
µ
0
1.6
1.2


Similar Part No. - GS1A-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GS1A-T3 WTE-GS1A-T3 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - GS1A-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DFLR1600 DIODES-DFLR1600 Datasheet
403Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS30602 Rev. 4 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1MB-13 DIODES-S1MB-13 Datasheet
256Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com