Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CW Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SD103CW
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 20 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD103CW Datasheet(HTML) 1 Page - Rectron Semiconductor

  SD103CW Datasheet HTML 1Page - Rectron Semiconductor SD103CW Datasheet HTML 2Page - Rectron Semiconductor SD103CW Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 20 Volts
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
* Guard Ring Construction for Transient Protection
Low Forward Voltage Drop
*
*
Negligible Reverse Recovery Time
Low Reverse Capacitance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SD103CW
SOD-123
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
2006-5
RATINGS
Reverse Breakdown Voltage @IR=10µA
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Repetitive Peak Forward Current
Maximum Power Dissipation
Operating and Storage Temperature Range
SYMBOL
SD103CW
SD103CW
Volts
Volts
mAmps
350
400
50
10
1.5
-65 to + 125
Amps
mW
pF
nS
OC
UNITS
Typical Thermal Resistance
300
OC/W
20
Maximum Working Peak reverse Voltage
Volts
20
Maximum Repetitive Peak Reverse Voltage
14
CHARACTERISTICS
Maximum Instantaneous Reverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@VR=10V
@t<1.0S
@IF=20mA
@IF=200mA
5.0
µAmps
REF .020(0.50)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(.10)
.000(.00)
V(BR)R
VR(RMS)
IFM
IFRM
PD
TSTG
VR
CT
Trr
RθJA
VRWM
VRRM
Typical Junction Capacitance(VR=0V,f=1.0MHz)
Typical Reverse Recovery Time(IF=IR=200mA,Irr=0.1XIR,RL=100Ω)
0.37
0.60


Similar Part No. - SD103CW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SD103CW DIOTEC-SD103CW Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Guangdong Kexin Industr...
SD103CW KEXIN-SD103CW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Micro Commercial Compon...
SD103CW MCC-SD103CW Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Shenzhen Luguang Electr...
SD103CW LUGUANG-SD103CW Datasheet
114Kb / 2P
   400mW Schottky Barrier Switching Diode
More results

Similar Description - SD103CW

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT42W RECTRON-BAT42W Datasheet
59Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT42WS RECTRON-BAT42WS Datasheet
129Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43W RECTRON-BAT43W Datasheet
59Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43WS RECTRON-BAT43WS Datasheet
129Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD101AW RECTRON-SD101AW Datasheet
140Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 60 Volts
SD107WS RECTRON-SD107WS Datasheet
42Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD103BW RECTRON-SD103BW Datasheet
137Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD101BW RECTRON-SD101BW Datasheet
140Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 50 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD106WS RECTRON-SD106WS Datasheet
55Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com