Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

739W-X2-04 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 739W-X2-04
Description  AC RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

739W-X2-04 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  739W-X2-04 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
739W-X2/04
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.ZHANG
01-22-02
01-22-02
JJH / 01-22-02
UNIT: mm
REV. C
CONTROLLED
NOTES:
USE COPPER WIRE ONLY
RATING: 10A 125V AC
APPROVALS: UL,cUL, CSA
PANEL THICKNESS: 0.8~1.8mm
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Specifications Update
06-01-06
09-14-07
DP
DP
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
5
4
3
2
1
1
1
1
1
1
Cover back of the body, NYLON Black Color
Contact PIN Bronze Strip t=0.4mm Cu-Plated
Contact PIN Bronze Strip t=0.4mm Ni-Plated
Contact PIN Bronze Strip t=0.4mm Cu-Plated
Body Insulator NYLON Black Color
27 ±
2.7
24
R1
24
3.5
0.2
0
24.5 ±
PANEL CUTOUT
1
0
WHITE
WIRE
GROUND
WIRE
BLACK
WIRE
SOLID
CONDUCTOR
“18”(AWG)
USE COPPER WIRE ONLY
PANEL LOCK
LATCH
SLOT
HOUSING
FLANGE
4.8 TAB FASTON
TERMINAL APPLICATION
TAB TERMINAL
(USING SOLID OR
STRANDED WIRE)
TAB TERMINAL
SLOT
LOCKING
LATCH
0.4


Similar Part No. - 739W-X2-04

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
739W-X2-01 QUALTEK-739W-X2-01 Datasheet
341Kb / 1P
   AC RECEPTACLE
739W-X2-02 QUALTEK-739W-X2-02 Datasheet
342Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 739W-X2-04

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
742W-15-04 QUALTEK-742W-15-04 Datasheet
363Kb / 1P
   AC RECEPTACLE
742W-15-20 QUALTEK-742W-15-20 Datasheet
417Kb / 1P
   AC RECEPTACLE
744W-00-04 QUALTEK-744W-00-04 Datasheet
341Kb / 1P
   AC RECEPTACLE
746W-15-07 QUALTEK-746W-15-07 Datasheet
379Kb / 1P
   AC RECEPTACLE
746W-15-08 QUALTEK-746W-15-08 Datasheet
380Kb / 1P
   AC RECEPTACLE
703W-00-53 QUALTEK-703W-00-53 Datasheet
390Kb / 1P
   AC RECEPTACLE
710W-00-03 QUALTEK-710W-00-03 Datasheet
379Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
771W-AX2-01 QUALTEK-771W-AX2-01 Datasheet
355Kb / 1P
   AC RECEPTACLE
701W-X2-02 QUALTEK-701W-X2-02 Datasheet
382Kb / 1P
   AC RECEPTACLE
logo
List of Unclassifed Man...
740W-F-02 ETC2-740W-F-02 Datasheet
363Kb / 1P
   AC RECEPTACLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com