Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA1A Datasheet(PDF) 1 Page - Rohm

Part # FMA1A
Description  −100mA / −50V Complex digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA1A Datasheet(HTML) 1 Page - Rohm

  FMA1A Datasheet HTML 1Page - Rohm FMA1A Datasheet HTML 2Page - Rohm FMA1A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMA1N / FMA1A
Transistors
Rev.B
1/2
−100mA / −50V Complex digital transistors
(with built-in resistors)
UMA1N / FMA1A
Applications
Inverter, Interface, Driver
Features
1) Two DTA124E chips in a UMT or SMT package.
2) Mounting cost and area can be cut in half.
3) Emitter-common type.
Structure
PNP epitaxial planar silicon transistor
(dual chips ; each with two built-in resistors)
Packaging specifications
UMT5
SMT5
UMA1N
Part No.
FMA1A
TR
3000
T148
3000
Package
Packaging type
Taping
Taping
Code
Basic ordering
unit (pieces)
External dimensions (Unit : mm)
ROHM : UMT5
EIAJ : SC-88A
UMA1N
FMA1A
ROHM : SMT5
EIAJ : SC-74A
Each lead has same dimensions
Each lead has same dimensions
Abbreviated symbol : A1
Abbreviated symbol : A1
0.9
0.15
0.7
1.3
0.65
2.0
0.2
0.65
(4)
(1)
(5)
(2) (3)
1.1
0.8
0.15
2.9
0.95
1.9
(4)
(5)
(1)
0.3
(3)
0.95
(2)
Absolute maximum ratings (Ta=25
°C)
Equivalent circuits
UMA1N
R1
R2
R2
R1
(3)
(4)
(5)
(2)
(1)
FMA1A
R1
R2
R2
R1
(3)
(2)
(1)
(4)
(5)
DTr2
DTr1
DTr1
DTr2
R1=22k
R2=22k
(1) IN
(2) GND
(3) IN
(4) OUT
(5) OUT
(1) OUT
(2) OUT
(3) IN
(4) GND
(5) IN
<For Tr1 and Tr2 in common>
Parameter
Symbol
VCC
VIN
IO
IC(MAX)
Pd
Tj
Tstg
Limits
−50
−40 to +10
−30
−100
150(TOTAL)
150
−55 to +150
Unit
V
V
mA
mA
mW
300(TOTAL)
°C
°C
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
Junction temperature
Storage temperature
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
∗1
∗2
UMA1N
FMA1A


Similar Part No. - FMA1A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1A ROHM-FMA1A Datasheet
60Kb / 1P
   General purpose (dual digital transistors)
logo
Guangdong Kexin Industr...
FMA1A KEXIN-FMA1A Datasheet
175Kb / 3P
   Complex Digital Transistors
logo
Rohm
FMA1A ROHM-FMA1A Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA1A ROHM-FMA1A Datasheet
1Mb / 8P
   Emitter common(dual digital transistors)
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMA1A

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114GK ROHM-DTB114GK_1 Datasheet
84Kb / 3P
   −500mA / −50V Digital transistors (with built-in resistors)
EMD62 ROHM-EMD62_16 Datasheet
1Mb / 10P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB75 ROHM-EMB75 Datasheet
702Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB61 ROHM-EMB61 Datasheet
786Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD72 ROHM-EMD72 Datasheet
922Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH51 ROHM-EMH51 Datasheet
632Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD53 ROHM-EMD53 Datasheet
993Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH75 ROHM-EMH75 Datasheet
697Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH61 ROHM-EMH61_16 Datasheet
1Mb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB53 ROHM-EMB53 Datasheet
733Kb / 5P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com