Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL410 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBL410
Description  4.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBL410 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBL410 Datasheet HTML 1Page - Won-Top Electronics KBL410 Datasheet HTML 2Page - Won-Top Electronics KBL410 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBL400 – KBL410
1 of 3
© 2002 Won-Top Electronics
KBL400 – KBL410
4.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
C
!
Ideal for Printed Circuit Boards
+
~
~
-
!
UL Recognized File # E157705
H
Mechanical Data
!
Case: Molded Plastic
J
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
E
G
!
Polarity: As Marked on Body
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
D
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBL
400
KBL
401
KBL
402
KBL
404
KBL
406
KBL
408
KBL
410
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 75°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage (per element)
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 1)
I2t
166
A2s
Typical Thermal Resistance (Note 2)
RJC
19
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
*Glass Passivated forms are available upon request.
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
WT E
PO W E R SEM IC ONDUCTORS
KBL
Dim
Min
Max
A
18.50
19.50
B
13.70
14.70
C
15.20
16.30
D
6.0
6.50
E
4.60
5.60
G
—2.10
H
19.00
J
1.20 Ø
1.30 Ø
All Dimensions in mm


Similar Part No. - KBL410

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBL410 JGD-KBL410 Datasheet
137Kb / 2P
   SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Kwang Myoung I.S. CO.,L...
KBL410 KISEMICONDUCTOR-KBL410 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kingtronics Internation...
KBL410 KINGTRONICS-KBL410 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBL410

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
   4.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG4KB05 ZSELEC-UG4KB05 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
   4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
   4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
   4.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBL406 DIODES-PBL406 Datasheet
67Kb / 2P
   4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
PBU401 DIODES-PBU401 Datasheet
70Kb / 2P
   4.0A BRIDGE RECTIFIER
DS21306 Rev. F-3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com