Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF163 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SF163
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 16 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF163 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SF163 Datasheet HTML 1Page - Rectron Semiconductor SF163 Datasheet HTML 2Page - Rectron Semiconductor SF163 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
OC)
1.0
2
30
50
20
14
12
10
4
0
4
8
12
20
16
1.2
1.0
0.6
0.8
1.6
1.4
1.8
2.0
150
100
50
0
0
20
1.0
0.1
10
100
1000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( SF161 THRU SF164 )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1 0.2
10
100
1000
40
100
0.4
1.0
2
4
10
20
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
150
100
50
200
300
250
5
2
10
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle
TA = 100 OC
TA = 25 OC
TJ = 25 OC


Similar Part No. - SF163

ManufacturerPart #DatasheetDescription
logo
Bytes
SF163 BYTES-SF163 Datasheet
167Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF163 DCCOM-SF163 Datasheet
535Kb / 2P
   TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF163 DIODES-SF163 Datasheet
56Kb / 2P
   16A SUPER-FAST RECOVERY RECTIFIER
DS24006 Rev. E-3
logo
Formosa MS
SF163 FORMOSA-SF163 Datasheet
41Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF163 UNIOHM-SF163 Datasheet
75Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF163

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
USF11 RECTRON-USF11 Datasheet
33Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
1E1 RECTRON-1E1 Datasheet
88Kb / 3P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
EFM504 RECTRON-EFM504 Datasheet
117Kb / 7P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 5.0 Ampere
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SF51 RECTRON-SF51_V01 Datasheet
191Kb / 7P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
2020-03 REV:C
UFM201 RECTRON-UFM201 Datasheet
426Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Ampere
UFM101L RECTRON-UFM101L Datasheet
394Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SU1L RECTRON-SU1L Datasheet
395Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
05U1L RECTRON-05U1L Datasheet
309Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere
05U1 RECTRON-05U1 Datasheet
421Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com