Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1060 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR1060
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR1060 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR1060 Datasheet HTML 1Page - Rectron Semiconductor SR1060 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: To-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
SR1020
THRU
SR1060
TO-220A
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance Junction to Case.
2. Suffix “A” = Common Anode.
Dimensions in inches and (millimeters)
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2004-9
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
10
150
3
700
Amps
0 C/W
0 C
Storage Temperature Range
R
θ JC
IO
pF
Operating Temperature Range
TJ
SR1020
20
-55 to + 150
-55 to + 150
0 C
SR1035
SR1030
SR1040
SR1045
SR1050
SR1060
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
500
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 10.0A DC
Volts
10
100
@TC = 25
oC
@TC = 100
oC
.65
mAmps
UNITS
SR1020
SR1035
SR1030
SR1040
SR1045
SR1050
SR1060
.75
.153 (3.9)
.413 (10.5)
.108
.051
.04MAX.
.374 (9.5)
(2.75)
(1.3)
(1.0)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.102 (2.6)
.091 (2.3)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.020 (0.5)
.012 (0.3)
.230 (5.8)
.187 (4.7)
.146 (3.7)
.035 (0.9)
.028 (0.7)
PIN
12
PIN 1
PIN 2
HEATSINK


Similar Part No. - SR1060

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SR1060 ZSELEC-SR1060 Datasheet
69Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
Bytes
SR1060 BYTES-SR1060 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR1060 SAMYANG-SR1060 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SR1060 SEMTECH_ELEC-SR1060 Datasheet
383Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1060 TSC-SR1060 Datasheet
200Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - SR1060

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ISR1060C RECTRON-ISR1060C Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
SR1620CS RECTRON-SR1620CS Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
ISR1620C RECTRON-ISR1620C Datasheet
31Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes
SR820S RECTRON-SR820S Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
SR6020C RECTRON-SR6020C Datasheet
230Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 50 Volts CURRENT 60 Amperes)
SR820 RECTRON-SR820 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com