Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR10200K Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR10200K
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR10200K Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR10200K Datasheet HTML 1Page - Rectron Semiconductor SR10200K Datasheet HTML 2Page - Rectron Semiconductor SR10200K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR10200K
THRU
SR1020K
D-PAK
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
10.0
150
2.0
60
700
Amps
0
C/W
0
C
Storage Temperature Range
R q J C
R q J A
IO
pF
Operating Temperature Range
TJ
SR1020K
20
150
-55 to + 150
0
C
SR1035K
SR1030K
SR1040K SR1045K SR1050K SR1060K
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
SR1080K SR10100K SR10150K SR10200K
SR1020K
SR1035K
SR1030K
SR1040K SR1045K SR1050K SR1060K SR1080K SR10100K SR10150K SR10200K
80
100
150
200
80
100
150
200
56
70
105
140
450
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 10.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
.75
.85
FEATURES
* High reliability
* Low switching loss
* Low forward voltage drop
* High current capability
* High switching capability
* Epoxy: Device has UL flammability classification 94V-O
* Case: Molded plastic
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting: position: Any
* Weight: 0.33 grams
MECHANICAL DATA
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Suffix "R" for Reverse Polarity.
5. Suffix "S" for D2-PAK Pkg.
Dimensions in inches and (millimeters)
.264 (6.7)
.248 (6.3)
.098 (2.5)
.083 (2.1)
.024 (0.6)
.016 (0.4)
.217 (5.5)
.201 (5.1)
.031 (0.8)
.016 (0.4)
.183 (4.65)
TYP .091
(2.30)
TYP .020
(0.50)
.179 (4.55)
PIN 1
PIN 2
HEATSINK
PIN1
PIN2
PIN3


Similar Part No. - SR10200K

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR10200 MIC-SR10200 Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR10200 SAMYANG-SR10200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SR10200 SECOS-SR10200 Datasheet
197Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
SR10200 SAMYANG-SR10200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR10200 JINANJINGHENG-SR10200 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results

Similar Description - SR10200K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR1020S RECTRON-SR1020S Datasheet
29Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10.0 Amperes
ISR10200 RECTRON-ISR10200 Datasheet
268Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 10.0 Amperes
MBR20200CS RECTRON-MBR20200CS Datasheet
657Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
2022-04/52 REV:A
SR4020C RECTRON-SR4020C Datasheet
865Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT Datasheet
331Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD1020T PANJIT-SD1020T Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD1020YT PANJIT-SD1020YT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
logo
Gaomi Xinghe Electronic...
MBR1035 GXELECTRONICS-MBR1035 Datasheet
332Kb / 2P
   Voltage Range 35 to 200 Volts Current 10.0 Amperes
logo
Rectron Semiconductor
SR20H200C RECTRON-SR20H200C Datasheet
966Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20.0 Amperes
2022-04/52 REV:A
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com