Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34596 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34596
Description  LM259X Inductor 22 關Hy 1.65 ADC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34596 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34596 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AGENCY APPROVAL:
N/A
.440"
MAX
.575
.492
.100 TYP
NOTE:
COPLANARITY OF ±.004
ACROSS ALL LEADS
.060
.100
.615
.080
REF PWB LAYOUT
5 6 7 8
4 3 2 1
SCHOTT
14848
YYWW
.500 MAX
(12.7)
.47 MAX
(11.94)
+
-
+
-
+
-
PART NUMBER
REV
PAGE
1
34596
TOLERANCES
UNLESSOTHERWISENOTED
2 PLACE
3 PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
22 µHy 1.65 ADC
1,2,3,4
5,6,7,8
C
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 4 to 5 thru 8 ) = 22 - 28 µH
2. DC RESISTANCE:
(1 thru 4 to 5 thru 8 ) = .030 Ohms Max.
3. SRF: 2.0 MHZ Min
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67148480


Similar Part No. - 34596

ManufacturerPart #DatasheetDescription
logo
Heyco.
3459 HEYCO-3459 Datasheet
264Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
SCHOTT CORPORATION
34590 SCHOTT-34590 Datasheet
16Kb / 1P
   LM259X Inductor 220 關Hy .51 ADC
34591 SCHOTT-34591 Datasheet
16Kb / 1P
   LM259X Inductor 150 關Hy .63 ADC
34592 SCHOTT-34592 Datasheet
16Kb / 1P
   LM259X Inductor 100 關Hy .76 ADC
34593 SCHOTT-34593 Datasheet
16Kb / 1P
   LM259X Inductor 68 關Hy .95 ADC
More results

Similar Description - 34596

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34552 SCHOTT-34552 Datasheet
12Kb / 1P
   LM259X Inductor 22 關Hy 1.65 ADC
34605 SCHOTT-34605 Datasheet
15Kb / 1P
   LM259X Inductor 22 關Hy 3.50 ADC
34543 SCHOTT-34543 Datasheet
12Kb / 1P
   LM259X Inductor 22 關Hy 1.30 ADC
34561 SCHOTT-34561 Datasheet
13Kb / 1P
   LM259X Inductor 22 關Hy 3.50 ADC
34535 SCHOTT-34535 Datasheet
12Kb / 1P
   LM259X Inductor 22 關Hy .50 ADC
34579 SCHOTT-34579 Datasheet
14Kb / 1P
   LM259X Inductor 22 關Hy .50 ADC
34645 SCHOTT-34645 Datasheet
15Kb / 1P
   LM259X Inductor 22 關Hy 3.70 ADC
34587 SCHOTT-34587 Datasheet
14Kb / 1P
   LM259X Inductor 22 關Hy 1.30 ADC
34569 SCHOTT-34569 Datasheet
23Kb / 1P
   LM259X Inductor, 22 關Hy 3.70 ADC
34578 SCHOTT-34578 Datasheet
14Kb / 1P
   LM259X Inductor 33 關Hy .40 ADC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com