Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ51CA Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 1.5SMCJ51CA
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1.5SMCJ51CA Datasheet(HTML) 3 Page - Won-Top Electronics

  1.5SMCJ51CA Datasheet HTML 1Page - Won-Top Electronics 1.5SMCJ51CA Datasheet HTML 2Page - Won-Top Electronics 1.5SMCJ51CA Datasheet HTML 3Page - Won-Top Electronics 1.5SMCJ51CA Datasheet HTML 4Page - Won-Top Electronics 1.5SMCJ51CA Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.5SMCJ SERIES
3 of 5
© 2002 Won-Top Electronics
UNI-DIRECTIONAL 1500 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
1.5SMCJ5.0
1.5SMCJ5.0A
1.5SMCJ6.0
1.5SMCJ6.0A
GDD
GDE
GDF
GDG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
156.2
163.0
131.6
145.6
1000
1000
1000
1000
1.5SMCJ6.5
1.5SMCJ6.5A
1.5SMCJ7.0
1.5SMCJ7.0A
GDH
GDK
GDL
GDM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
122.0
133.9
112.8
125.0
500
500
200
200
1.5SMCJ7.5
1.5SMCJ7.5A
1.5SMCJ8.0
1.5SMCJ8.0A
GDN
GDP
GDQ
GDR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
104.9
116.3
100.0
110.3
100
100
50
50
1.5SMCJ8.5
1.5SMCJ8.5A
1.5SMCJ9.0
1.5SMCJ9.0A
GDS
GDT
GDU
GDV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
94.3
104.2
88.7
97.4
25
25
10
10
1.5SMCJ10
1.5SMCJ10A
1.5SMCJ11
1.5SMCJ11A
GDW
GDX
GDY
GDZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
79.8
88.2
74.6
82.4
5
5
5
5
1.5SMCJ12
1.5SMCJ12A
1.5SMCJ13
1.5SMCJ13A
GED
GEE
GEF
GEG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
68.2
75.3
63.0
69.7
5
5
5
5
1.5SMCJ14
1.5SMCJ14A
1.5SMCJ15
1.5SMCJ15A
GEH
GEK
GEL
GEM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
58.1
64.7
55.8
61.5
5
5
5
5
1.5SMCJ16
1.5SMCJ16A
1.5SMCJ17
1.5SMCJ17A
GEN
GEP
GEQ
GER
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
52.1
57.7
49.2
53.3
5
5
5
5
1.5SMCJ18
1.5SMCJ18A
1.5SMCJ20
1.5SMCJ20A
GES
GET
GEU
GEV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
46.6
51.4
41.9
46.3
5
5
5
5
1.5SMCJ22
1.5SMCJ22A
1.5SMCJ24
1.5SMCJ24A
GEW
GEX
GEY
GEZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
38.1
42.2
34.9
38.6
5
5
5
5
1.5SMCJ26
1.5SMCJ26A
1.5SMCJ28
1.5SMCJ28A
GFD
GFE
GFF
GFG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
32.2
35.6
30.0
33.0
5
5
5
5
1.5SMCJ30
1.5SMCJ30A
1.5SMCJ33
1.5SMCJ33A
GFH
GFK
GFL
GFM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
28.0
31.0
25.2
28.1
5
5
5
5
1.5SMCJ36
1.5SMCJ36A
1.5SMCJ40
1.5SMCJ40A
GFN
GFP
GFQ
GFR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
23.3
25.8
21.0
23.2
5
5
5
5
1.5SMCJ43
1.5SMCJ43A
1.5SMCJ45
1.5SMCJ45A
GFS
GFT
GFU
GFV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.6
69.4
80.3
72.7
19.6
21.6
18.7
20.6
5
5
5
5
1.5SMCJ48
1.5SMCJ48A
1.5SMCJ51
1.5SMCJ51A
GFW
GFX
GFY
GFZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
17.5
19.4
18.5
18.2
5
5
5
5
1.5SMCJ54
1.5SMCJ54A
1.5SMCJ58
1.5SMCJ58A
GGD
GGE
GGF
GGG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
15.6
17.2
14.6
16.0
5
5
5
5
1.5SMCJ60
1.5SMCJ60A
1.5SMCJ64
1.5SMCJ64A
GGH
GGK
GGL
GGM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
14.0
15.5
13.2
14.6
5
5
5
5
1.5SMCJ70
1.5SMCJ70A
1.5SMCJ75
1.5SMCJ75A
GGN
GGP
GGQ
GGR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
12.0
13.3
11.2
12.4
5
5
5
5
1.5SMCJ78
1.5SMCJ78A
1.5SMCJ85
1.5SMCJ85A
GGS
GGT
GGU
GGV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
10.8
11.4
9.9
10.4
5
5
5
5
1.5SMCJ90
1.5SMCJ90A
1.5SMCJ100
1.5SMCJ100A
GGW
GGX
GGY
GGZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
9.4
10.3
8.4
9.3
5
5
5
5
1.5SMCJ110
1.5SMCJ110A
1.5SMCJ120
1.5SMCJ120A
GHD
GHE
GHF
GHG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
7.7
8.4
7.0
7.9
5
5
5
5
1.5SMCJ130
1.5SMCJ130A
1.5SMCJ150
1.5SMCJ150A
GHH
GHK
GHL
GHM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
269.0
243.0
6.5
7.2
5.6
6.2
5
5
5
5
1.5SMCJ160
1.5SMCJ160A
1.5SMCJ170
1.5SMCJ170A
GHN
GHP
GHQ
GHR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
5.2
5.8
4.9
5.5
5
5
5
5


Similar Part No. - 1.5SMCJ51CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ51CA PANJIT-1.5SMCJ51CA Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ51CA WTE-1.5SMCJ51CA Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ51CA WEITRON-1.5SMCJ51CA Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMCJ51CA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMCJ-AT UNSEMI-SMCJ-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
15KE WTE-15KE Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
15SMBJ UNSEMI-15SMBJ Datasheet
3Mb / 6P
   5.0 To 200V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMC UNSEMI-TPSMC Datasheet
2Mb / 6P
   12 To 91V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMCJ UNSEMI-TPSMCJ Datasheet
2Mb / 6P
   10 To 78V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com