Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ8.0 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # P6SMBJ8.0
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6SMBJ8.0 Datasheet(HTML) 1 Page - Won-Top Electronics

  P6SMBJ8.0 Datasheet HTML 1Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 2Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 3Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 4Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6SMBJ SERIES
1 of 5
© 2002 Won-Top Electronics
P6SMBJ SERIES
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Features
!
Glass Passivated Die Construction
!
600W Peak Pulse Power Dissipation
B
!
5.0V – 170V Standoff Voltage
!
Uni- and Bi-Directional Versions Available
D
!
Excellent Clamping Capability
A
!
Fast Response Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
E
Mechanical Data
!
Case: JEDEC DO-214AA Low Profile Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
!
Weight: 0.093 grams (approx.)
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation 10/1000µS Waveform (Note 1, 2) Figure 3
PPPM
600 Minimum
W
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 4
IPPM
See Table 1
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2, 3)
IFSM
100
A
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse, per Figure 4 and derated above TA = 25°C per Figure 1.
2. Mounted on 5.0mm2 (0.013mm thick) land areas.
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
WT E
PO W E R SEM IC O ND UC TO R S
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.11
D
0.152
0.305
E
5.08
5.59
F
2.13
2.44
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - P6SMBJ8.0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ8.0 PANJIT-P6SMBJ8.0 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ8.0 CHENG-YI-P6SMBJ8.0 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ8.0 SURGE-P6SMBJ8.0 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Pan Jit International I...
P6SMBJ8.0 PANJIT-P6SMBJ8.0 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
P6SMBJ8.0 TRSYS-P6SMBJ8.0 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ8.0

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com