Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13C0 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13C0
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C0 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13C0 Datasheet HTML 1Page - Suntan Capacitors TS13C0 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standard size & Maximum permissible ripple current
4
6.3
10
16
25
WV
Cap.(μF)
0G
0J
1A
1C
1E
4.7
4R7
--
--
--
--
--
--
--
--
--
--
10
100
--
--
--
--
--
--
4×5.4
25
5×5.4
(4×5.4)
28
(20)
15
150
--
--
--
--
--
--
4×5.4
28
5×5.4
34
22
220
--
--
4×5.4
31
5×5.4
(4×5.4)
35
(28)
5×5.4
(4×5.4)
39
(28)
6.3×5.4
(5×5.4)
52
(35)
33
330
4×5.4
26
5×5.4
(4×5.4)
39
(31)
5×5.4
(4×5.4)
43
(32)
6.3×5.4
(5×5.4)
57
(40)
6.3×5.4
(5×5.4)
63
(42)
47
470
4×5.4
34
5×5.4
(4×5.4)
47
(36)
6.3×5.4
(5×5.4)
59
(43)
6.3×5.4
(5×5.4)
68
(44)
6.3×5.4
68
56
560
4×5.4
39
5×5.4
46
6.3×5.4
57
6.3×5.4
74
6.3×5.4
82
68
680
5×5.4
45
6.3×5.4
(5×5.4)
62
(52)
6.3×5.4
72
6.3×5.4
80
6.3×5.4
94
100
101
5×5.4
61
6.3×5.4
(5×5.4)
71
(55)
6.3×5.4
76
6.3×5.4
8 X 6.2
86
200
6.3×7.7
8 x 6.2
130
91
150
151
6.3×5.4
74
6.3×5.4
78
6.3×5.4
88
6.3×7.7
135
8×10.5
6.3 x 7.7
200
130
220
221
6.3×5.4
82
6.3×5.4
95
6.3×7.7
8 X 6.2
150
250
8×10.5
(6.3×7.7)
8 X 6.2
215
(150)
135
8×10.5
250
330
331
6.3×7.7
150
6.3×5.4
6.3 X 7.7
8 X 6.2
150
300
8×10.5
280
8×10.5
280
10×10.5
(8×10.5)
340
(310)
470
471
6.3×7.7
150
8×10.5
6.3 X 7.7
300
150
8×10.5
10 X 10.5
300
320
10×10.5
(8×10.5)
420
(330)
10×10.5
400
680
681
8×10.5
300
8×10.5
300
10×10.5
380
10×10.5
450
10X13.5
550
1000
102
8×10.5
330
10×10.5
(8×10.5)
430
(330)
10×10.5
450
10×10.5
12.5x13.5
10x13.5
490
710
550
12.5X13.5
820
1500
152
10×10.5
450
10×10.5
10 X 13.5
450
650
10 X 13.5
650
12.5x13.5
750
12.5X16
1000
2200
222
10x13.5
10×10.5
620
480
12.5x13.5
10x13.5
890
720
12.5x13.5
960
16x16.5
12.5x16
1150
1000
16X16.5
16x21.5
1250
1450
3300
332
10x13.5
700
12.5x16
12.5x13.5
1000
900
16x16.5
12.5x16
1300
1050
16x16.5
16x21.5
1350
1450
16x21.5
1650
4700
472
12.5x13.5
850
16x16.5
1400
16x16.5
1450
16x21.5
1650
6800
682
16x16.5
12.5x16
1350
900
16x21.5
1750
16x21.5
1850
10000
103
16x21.5
1750
16x21.5
1800
Case Size
Ripple Current
35
50
63
100
WV
Cap.(μF)
1V
1H
1J
2A
0.1
0R1
--
--
4×5.4
1.0
4×5.4
1.0
--
--
0.22
R22
--
--
4×5.4
2.3
4×5.4
2.3
--
--
0.33
R33
--
--
4×5.4
3.5
4×5.4
3.5
--
--
0.47
R47
--
--
4×5.4
5.0
4×5.4
5.0
--
--
1
010
--
--
4×5.4
10
4×5.4
10
4×5.4
10
1.5
1R5
--
--
4×5.4
12
4×5.4
12
6.3×5.4
15
2.2
2R2
--
--
4×5.4
15
4×5.4
15
6.3×5.4
20
3.3
3R3
--
--
4×5.4
18
5×5.4
20
6.3×7.7
(6.3×5.4)
(8 X 6.2)
45
(28)
(50)
4.7
4R7
--
--
5×5.4
(4×5.4)
23
(19)
6.3×5.4
(5×5.4)
30
(23)
6.3×7.7
(6.3×5.4)
(8 X 6.2)
50
(30)
(50)
10
100
5×5.4
(4×5.4)
30
(20)
6.3×5.4
(5×5.4)
34
(27)
6.3×7.7
(6.3×5.4)
55
(34)
8×10.5
(6.3×7.7)
(8 X 6.2)
110
(50)
(50)
22
220
6.3×5.4
54
6.3×5.4
(8 X 6.2)
60
(120)
8×10.5
6.3×7.7
140
(70)
10×10.5
(8×10.5)
180
(120)
33
330
6.3×5.4
8 X 6.2
60
130
6.3×7.7
(8 X 6.2)
85
(65)
8×10.5
(6.3×7.7)
160
(85)
10×10.5
190
47
470
6.3×5.4
8 X 6.2
70
165
6.3×7.7
10×10.5
(8×10.5)
90
130
(110)
10×10.5
(8×10.5)
230
(170)
10×10.5
56
560
6.3×7.7
80
6.3×7.7
110
10×10.5
250
--
--
68
680
6.3×7.7
110
8×10.5
170
10×10.5
260
--
--
100
101
8×10.5
(6.3×7.7)
175
(120)
8×10.5
10×10.5
200
240
10×10.5
12.5X13.5
10X13.5
280
380
290
12.5X13.5
440
150
151
8×10.5
220
10×10.5
240
10 x 13.5
310
--
--
220
221
10×10.5
(8×10.5)
310
(270)
10×10.5
10×13.5
320
400
12.5X13.5
10X13.5
580
330
16X16.5
16x21.5
700
850
330
331
10×10.5
350
12.5X13.5
10X13.5
600
420
16X16.5
12.5X16
820
720
16x21.5
900
470
471
10×10.5
12.5X13.5
10X13.5
400
600
530
16X16.5
12.5X16
850
740
16X16.5
950
680
681
12.5X13.5
10X13.5
750
560
16X16.5
950
16x21.5
1000
1000
102
16X16.5
12.5X16
1100
800
16x21.5
1300
16x21.5
1000
2200
222
16x21.5
1550
Case
size
Allowable
ripple
Allowable Ripple (mA ms) at 85℃ 120Hz
Frequency coefficient of allowable ripple current
Frequency
50Hz
120Hz
300Hz
1kHz
10kHz~
0.1~68uF
0.70
1.00
1.17
1.36
1.50
φ
4~φ10
100~3300uF
0.85
1.00
1.08
1.2
1.30
~68 uF
0.75
1.00
1.35
1.57
2.00
100~680 uF
0.80
1.00
1.23
1.34
1.5
Coefficient
φ
12.5~φ16
1000~10000 uF
0.85
1.00
1.1
1.13
1.15
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13C0

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13C0 SUNTAN-TS13C0 Datasheet
393Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C0 SUNTAN-TS13C0_17 Datasheet
554Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TS13C0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com