Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13D1-CD81 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13D1-CD81
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13D1-CD81 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13D1-CD81 Datasheet HTML 1Page - Suntan Capacitors TS13D1-CD81 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13D CD81
F E A T U R E S
105℃ 2000 hours wide temperature
Low leakage current
Specifications
ITEMS PERFORMANCE
CHARACTERISTICS
Rated Voltage
-40~+105℃ (6.3-400V), -25℃~+105℃ (450V)
Capacitance
±20
%
Dissipation Factor
Raged Voltage (V)
10
16
25
35
50
63
100
160
Tan δ
0.19
0.16
0.14
0.12
0.1
0.09
0.08
0.12
Leakage Current
0.01CV or 3μA, whichever is greater (at 20℃, after 2 minutes)
Load Life (+130℃ or 105℃)
After 2000hours application of rated voltage at 150℃, the capacitors shall meet follow limits.
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Temperature Stability (120Hz)
Impedance ratio at 100Hz or 120Hz shall not exceed the values given in below table.
Rated Voltage (V)
10
16
25
35
50
63
100
160
Z-40℃ / Z+20℃
5
5
4
4
4
4
4
4
Shelf Life (+125℃)
1000 hours no voltage application, the capacitors shall meet follow this
Leakage Current
Not more than 200% of the specified value
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Dimensions
mm
Multiplier for ripple current
Φ
D
5
6.3
8
10
12.5
16
18
Φ
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Frequency coefficient factor for ripple current
Rated
Voltage
50.60
120
1K
10-30K
30-100K
10~16
0.8
1
1.1
1.2
1.2
25~35
0.8
1
1.5
1.7
1.7
50~160
0.8
1
1.6
1.9
1.9
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13D1-CD81

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D1-CD81 SUNTAN-TS13D1-CD81 Datasheet
303Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D1-CD81 SUNTAN-TS13D1-CD81_17 Datasheet
133Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13D1-CD81

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com