Electronic Components Datasheet Search |
|
TS13D3-CD60 Datasheet(PDF) 1 Page - Suntan Capacitors |
|
TS13D3-CD60 Datasheet(HTML) 1 Page - Suntan Capacitors |
|
1 / 1 page ALUMINUM ELECTROLYTIC CAPACITOR Suntan® F O R M O T O R S T A R T I N G TS13D CD60 F E A T U R E S Load life of 75000 times and 30000 times For motor starting Used for the compressor starter of a refrigerator and air-conditioner and for the water pumps Specifications ITEMS PERFORMANCE CHARACTERISTICS Operating Temperature Range(℃) -20~+70 Rated Voltage 110~330V,AC Capacitance Tolerance(25℃,120Hz) 0%~20% Power Factor(25℃,60Hz) 8% MAX Over-Voltage Test Applied 1.2 time rated voltage for 2 minutes or .4 time rated voltage for 30 seconds Load Life (+85℃) 125 W.V: Apply for one second and rest for 29 seconds, two time per minute at +7℃ after 75000 times Power factor: 20% or less. Capacitance change: within 25% of initial measured value. 160W.V: Apply for one second and rest for 59 seconds, one time per minute at +70℃ after 30000 times. Power factor: 20% or less. Capacitance change: within 25% of initial measured value. Withstanding Voltage Withstand 1500V,AC(r.m.s) for one minute between both terminals and the case holding clamp Dimensions mm D A Terminal Type 25 10 H 30 10 G,H 35 12 G,N,P 40,45 16 G,N,P 51 20 G,N,P Terminal Type (H,G,N,P) Standard ratings WV(V) Cap(μF) 110 125 140 160 180 200 220 250 280 300 25 -- -- -- -- -- 30x70 30x80 35x60 35x70 35x80 30 -- -- -- -- 25x60 30x80 35x60 35x70 35x80 35x100 40 25x40 25x50 25x60 25x60 25x70 35x60 35x70 35x80 35x100 40x100 50 25x50 25x50 25x60 25x70 30x70 35x70 35x80 35x100 40x100 45x100 63 25x50 25x60 30x60 30x70 35x60 35x80 35x100 40x100 45x100 51x100 80 25x60 30x60 30x70 35x60 35x70 35x100 40x100 45x100 51x100 100 25x60 30x70 35x60 35x70 35x80 40x100 45x100 51x100 -- -- 125 30x60 35x60 35x70 35x80 35x100 45x100 51x100 -- -- -- 160 30x70 35x70 35x80 35x100 40x100 51x100 -- -- -- -- 200 35x60 35x80 35x100 40x100 45x100 -- -- -- -- -- 250 35x70 35x100 40x100 45x100 -- -- -- -- -- -- 315 30x80 40x100 45x100 -- -- -- -- -- -- -- 400 35x100 45x100 -- -- -- -- -- -- -- -- 500 40x100 -- -- -- -- -- -- -- -- -- Note: Specification are subject to change without notice. For more detail and update, please visit our website. Suntan ® Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 |
Similar Part No. - TS13D3-CD60 |
|
Similar Description - TS13D3-CD60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |