Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4207-DNZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4207-DNZ
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207-DNZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4207-DNZ Datasheet HTML 6Page - Cirrus Logic CS4207-DNZ Datasheet HTML 7Page - Cirrus Logic CS4207-DNZ Datasheet HTML 8Page - Cirrus Logic CS4207-DNZ Datasheet HTML 9Page - Cirrus Logic CS4207-DNZ Datasheet HTML 10Page - Cirrus Logic CS4207-DNZ Datasheet HTML 11Page - Cirrus Logic CS4207-DNZ Datasheet HTML 12Page - Cirrus Logic CS4207-DNZ Datasheet HTML 13Page - Cirrus Logic CS4207-DNZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
10
DS880F1
CS4207
1.2
Digital I/O Pin Characteristics
Input and output levels and associated power supply voltage are shown in the table below. Logic levels
should not exceed the corresponding power supply voltage.
Notes:
1.
SDI output functionality also requires the VA and VL_IF rails to be at nominal levels.
Power
Supply
Pin Name
SW/(HW)
I/O
Driver
Receiver
VL_HD
RESET#
Input
-
1.5 V - 3.3 V
SDO
Input
-
1.5 V - 3.3 V
BITCLK
Input
-
1.5 V - 3.3 V
SDI (Note 1)
Input/Output
1.5 V - 3.3 V
1.5 V - 3.3 V
SYNC
Input
-
1.5 V - 3.3 V
VA
SENSE_A
Input
-
3.3 V - 5.0 V
VL_IF
GPIO1/
DMIC_SDA2
Input/Output
3.3 V
3.3 V
GPIO2
Input/Output
3.3 V
3.3 V
GPIO3
Input/Output
3.3 V
3.3 V
SPDIF_IN
Input
-
3.3 V
SPDIF_OUT
Output
3.3 V
-
GPIO0/
DMIC_SDA1
Input/Output
3.3 V
3.3 V
DMIC_SCL
Output
3.3 V
-


Similar Part No. - CS4207-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
More results

Similar Description - CS4207-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com