Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13DX-CD135 Datasheet(PDF) 3 Page - Suntan Capacitors

Part # TS13DX-CD135
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DX-CD135 Datasheet(HTML) 3 Page - Suntan Capacitors

  TS13DX-CD135 Datasheet HTML 1Page - Suntan Capacitors TS13DX-CD135 Datasheet HTML 2Page - Suntan Capacitors TS13DX-CD135 Datasheet HTML 3Page - Suntan Capacitors TS13DX-CD135 Datasheet HTML 4Page - Suntan Capacitors TS13DX-CD135 Datasheet HTML 5Page - Suntan Capacitors TS13DX-CD135 Datasheet HTML 6Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
G E N E R A L , M I N I A T U R I Z E D
TS13D CD135
■STANDARD RATINGS
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
Outline Size
Rated Voltage
V.DC)
Surge Voltage
V.DC)
Rated Capacitance
µF)
Dissipation Factor
MAX
Ripple Current
85ºC
120Hz
Code
ØDxL(mm)
10000
0.40
3.4
A5
36x53
12000
0.40
3.7
A5
36x53
15000
0.40
4.2
A6
36x65
18000
0.40
4.9
A8
36x83
22000
0.40
5.7
A8
36x83
27000
0.40
6..3
A10
36x100
33000
0.40
7..2
A10
36x100
39000
0.50
7..3
A12
36x121
47000
0.50
8.7
C10R
51x96
56000
0.60
8.6
C10R
51x96
68000
0.60
9.8
C12R
51x115
82000
0.60
11.6
D10R
64x96
100000
0.60
13.3
D12R
64x115
120000
0.60
14.8
D12
64x121
150000
0.80
14.9
D13R
64x130
180000
0.80
17.0
E12R
77x115
220000
0.80
20.0
E13R
77x130
270000
1.00
2.0.3
E16R
77x155
330000
1.00
23.5
F13R
90x131
390000
1.00
26.4
F16R
90x157
35
44
470000
1.00
29.6
F16R
90x157
5600
0.30
3.0
A5
36x53
6800
0.30
3..3
A5
36x53
8200
0.30
3.6
A5
36x53
10000
0.30
4.0
A6
36x65
12000
0.30
4.7
A8
36x83
15000
0.30
5..5
A8
36x83
18000
0.30
6..2
A10
36x100
22000
0.40
6..3
A12
36x121
27000
0.40
7.1
A12
36x121
33000
0.40
8.2
C10R
51x96
39000
0.50
8.1
C10R
51x96
47000
0.50
9..3
C12R
51x115
56000
0.50
10.5
D10R
64x96
68000
0.50
12.0
D10R
64x96
82000
0.50
13.7
D12R
64x115
100000
0.60
14.7
E12R
77x115
120000
0.60
16.7
E12
77x115
150000
0.60
19.3
E13R
77x130
180000
0.60
21.9
E16R
77x155
220000
0.60
21.4
F13R
90x131
50
63
270000
0.60
24.6
F16R
90x157
3900
0.25
2.7
A5
36x53
4700
0.25
3.0
A5
36x53
5600
0.25
3..3
A5
36x53
6800
0.25
3.6
A6
36x65
8200
0.25
4..3
A8
36x83
10000
0.25
4..9
A8
36x83
12000
0.25
5.6
A10
36x100
15000
0.30
5.9
A10
36x100
18000
0.30
6.7
A12
36x121
22000
0.30
7.8
A12
36x121
27000
0.40
7.4
C10R
51x96
33000
0.40
8.4
C10R
51x96
39000
0.40
9..5
C12R
51x115
47000
0.40
11..3
C13R
51x130
56000
0.40
12.8
D12R
64x115
68000
0.50
12.7
D12
64x121
63
79
82000
0.50
14.5A5
D13R
64x130


Similar Part No. - TS13DX-CD135

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DX-CD135 SUNTAN-TS13DX-CD135_17 Datasheet
492Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DX-CD135

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com