Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07145-40 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 07145-40
Description  MOLDED FAN CORD FEMALE 45째
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

07145-40 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  07145-40 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
FAN-S DIVISION
Part Number:
07145-40
Description:
MOLDED FAN CORD FEMALE 45°
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
K.Huang
08-21-98
08-21-98
JJH / 08-21-98
UNIT: mm
REV: C
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
13.2 ± 0.3
7.925 ± 0.127
2.5 ± 0.2
18.26 ± 0.5
2 ± 0.3
NOTES:
1.
RATING: 10A 125VAC
2.
CORDAGE: SPT-1, 18/2, 105˚C, 300V
3.
CORD LENGTH: 40 INCHES
4.
TERMINATION: BLUNT CUT
5.
APPROVALS: UL, cUL
6.
RoHS COMPLIANT
B
C
RoHS Compliancy
Updated Specifications
06-01-06
09-18-08
DP
LY


Similar Part No. - 07145-40

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
07145-12 QUALTEK-07145-12 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-24 QUALTEK-07145-24 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-36 QUALTEK-07145-36 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-50 QUALTEK-07145-50 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-60 QUALTEK-07145-60 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
More results

Similar Description - 07145-40

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
07145-36 QUALTEK-07145-36 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-12 QUALTEK-07145-12 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-24 QUALTEK-07145-24 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-50 QUALTEK-07145-50 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-60 QUALTEK-07145-60 Datasheet
190Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07145-80 QUALTEK-07145-80 Datasheet
191Kb / 1P
   MOLDED FAN CORD FEMALE 45째
07199-24 QUALTEK-07199-24 Datasheet
191Kb / 1P
   MOLDED FAN CORD FEMALE T
07199-36 QUALTEK-07199-36 Datasheet
191Kb / 1P
   MOLDED FAN CORD FEMALE T
07199-40 QUALTEK-07199-40 Datasheet
191Kb / 1P
   MOLDED FAN CORD FEMALE T
07199-50 QUALTEK-07199-50 Datasheet
191Kb / 1P
   MOLDED FAN CORD FEMALE T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com