Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB130-TB Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB130-TB
Description  1.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB130-TB Datasheet(HTML) 2 Page - Won-Top Electronics

  SB130-TB Datasheet HTML 1Page - Won-Top Electronics SB130-TB Datasheet HTML 2Page - Won-Top Electronics SB130-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB120 – SB160
2 of 3
© 2002 Won-Top Electronics
10
20
30
40
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half Sine-Wave
(JEDEC Method)
T = 150 C
j
°
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
SB150 - SB160
SB120 - SB140
T = 25 C
f = 1.0MHz
j
°
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
0.001
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
20
0.5
0.1
0.9
1.3
1.7
2.1
T = 25 C
j
°
I Pulse Width = 300 s
F
µ
SB150 - SB160
SB120 - SB140
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°


Similar Part No. - SB130-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB130-TB WTE-SB130-TB Datasheet
62Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB130-TB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
   1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120 Datasheet
74Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com