Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6795MPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6795MPBF
Description  HEXFET Power MOSFET plus Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6795MPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6795MPBF_10 Datasheet HTML 1Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 2Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 3Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 4Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 5Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 6Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 7Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 8Page - International Rectifier IRF6795MPBF_10 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6795MTRPbF
6
www.irf.com
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 16a. Unclamped Inductive Test Circuit
Fig 17b. Switching Time Waveforms
Fig 17a. Switching Time Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
- VDD


Similar Part No. - IRF6795MPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
More results

Similar Description - IRF6795MPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
   HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF Datasheet
222Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com