Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G43AB100M Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # G43AB100M
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43AB100M Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  G43AB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 3Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 4Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 5Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 6Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 7Page - TOCOSAMERICA, INC. G43AB100M Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
4/8
Dimensions
G4 Series
Recommended Land Patterns
Flow or Reflow Soldering Methods
Flow Soldering Method
Reflow Soldering Method
Soldering Guidelines
Unit: mm
G43A, G43D
G43B, G43E
G43BF
G43SA
G43SA
G43 Series
4.0
1.5
1.0
1.5
6.8
2.2
2.2
1.2
1.2
2.0
#1
#3
#2
4.0
1.5
1.0
1.5
8.0
1.9
1.9
2.1
2.1
2.0
#1
#3
#2
4.0
1.5
1.0
1.5
6.0
2.35
2.65
0.35
0.65
2.0
#1
#3
#2
3.5
1.2
1.1
1.2
8.0
1.4
1.4
2.6
Ø
2.8
2.6
1.6
#1
#3
#2
3.7
1.2
1.3
1.2
5.2
1.95
2.25
0.35
0.65
1.4
#1
#3
#2
Effective Date April 2005
Recommended Soldering Profiles
Flow Soldering Profile
Reflow Soldering Profile
Time (min.)
TP 260°C Max. Peak Temp.
TM 230°C Solder Melting Temp.
ts.* 5 sec.
Solder
Melting Time
250
200
150
100
50
12
3
4
(180°C)
(140°C)
Time (min.)
Pre-Heat Zone
2 min.
ts.*40 sec.
Solder
Melting Time
TP 260°C Max. Peak Temp.
250
200
150
100
50
12
3
4
TM 230°C Solder Melting Temp.
(190°C)
(170°C)


Similar Part No. - G43AB100M

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
G43A SENSATA-G43A Datasheet
437Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - G43AB100M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GV4 TOCOS-GV4 Datasheet
293Kb / 6P
   4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
   3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com