Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8513PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF8513PBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8513PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF8513PBF Datasheet HTML 1Page - International Rectifier IRF8513PBF Datasheet HTML 2Page - International Rectifier IRF8513PBF Datasheet HTML 3Page - International Rectifier IRF8513PBF Datasheet HTML 4Page - International Rectifier IRF8513PBF Datasheet HTML 5Page - International Rectifier IRF8513PBF Datasheet HTML 6Page - International Rectifier IRF8513PBF Datasheet HTML 7Page - International Rectifier IRF8513PBF Datasheet HTML 8Page - International Rectifier IRF8513PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF8513PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 3. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
≤60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
1
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 175°C
VDS = 15V
≤60µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
≤60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
1
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 175°C
VDS = 15V
≤60µs PULSE WIDTH


Similar Part No. - IRF8513PBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF850 STMICROELECTRONICS-IRF850 Datasheet
169Kb / 6P
   N CHANNEL ENHANCEMENT MODE POWER MOSTRANSISTORS
logo
Intersil Corporation
IRF850 INTERSIL-IRF850 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
ON Semiconductor
IRF850 ONSEMI-IRF850 Datasheet
119Kb / 3P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
NXP Semiconductors
IRF850 PHILIPS-IRF850 Datasheet
58Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF850 NJSEMI-IRF850 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
More results

Similar Description - IRF8513PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com