Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8513TRPbF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF8513TRPbF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8513TRPbF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF8513TRPbF Datasheet HTML 3Page - International Rectifier IRF8513TRPbF Datasheet HTML 4Page - International Rectifier IRF8513TRPbF Datasheet HTML 5Page - International Rectifier IRF8513TRPbF Datasheet HTML 6Page - International Rectifier IRF8513TRPbF Datasheet HTML 7Page - International Rectifier IRF8513TRPbF Datasheet HTML 8Page - International Rectifier IRF8513TRPbF Datasheet HTML 9Page - International Rectifier IRF8513TRPbF Datasheet HTML 10Page - International Rectifier IRF8513TRPbF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRF8513PbF
www.irf.com
7
Fig 25. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient (Q1)
Fig 26. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient (Q2)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
1000
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci=
τi/Ri
Ci=
τi/Ri
τ4
τ4
R4
R4
τA
τA
R8
R8
τ5
τ5
R5
R5
τ6
τ6
R6
R6
τ7
τ7
R7
R7
0.16165
0.000010
0.32401
0.000015
0.610673
0.000020
1.3993
0.001289
1.8271
0.000340
15.5964
0.027339
24.1639
23.89834
55.9172
0.716225
Ri (°C/W)
τi (sec)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
1000
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci=
τi/Ri
Ci=
τi/Ri
τ4
τ4
R4
R4
τA
τA
R8
R8
τ5
τ5
R5
R5
τ6
τ6
R6
R6
τ7
τ7
R7
R7
0.12491
0.000010
0.18285
0.000012
0.47188
0.000020
1.08129
0.001289
1.41186
0.000340
5.99757
0.013743
18.93874
31.39834
34.29159
0.682685
Ri (°C/W)
τi (sec)
Fig 27. Layout Diagram


Similar Part No. - IRF8513TRPbF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF850 STMICROELECTRONICS-IRF850 Datasheet
169Kb / 6P
   N CHANNEL ENHANCEMENT MODE POWER MOSTRANSISTORS
logo
Intersil Corporation
IRF850 INTERSIL-IRF850 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
ON Semiconductor
IRF850 ONSEMI-IRF850 Datasheet
119Kb / 3P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
NXP Semiconductors
IRF850 PHILIPS-IRF850 Datasheet
58Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF850 NJSEMI-IRF850 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
More results

Similar Description - IRF8513TRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com