Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G43DB101M Datasheet(PDF) 7 Page - TOCOSAMERICA, INC.

Part # G43DB101M
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43DB101M Datasheet(HTML) 7 Page - TOCOSAMERICA, INC.

  G43DB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 4Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 5Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 6Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 7Page - TOCOSAMERICA, INC. G43DB101M Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
7/8
Part Numbers
G43 Series
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
20%
Value ( Ω )
Code
Catalog No.
Tape & Reel
Catalog No.
Bulk
G43B Gull-Wing, Top Adjust
G43BT B 100 M
G43BT B 200 M
G43BT B 500 M
G43BT B 101 M
G43BT B 201 M
G43BT B 501 M
G43BT B 102 M
G43BT B 202 M
G43BT B 502 M
G43BT B 103 M
G43BT B 203 M
G43BT B 503 M
G43BT B 104 M
G43BT B 204 M
G43BT B 504 M
G43BT B 105 M
G43BT B 205 M
G43B B 100 M
G43B B 200 M
G43B B 500 M
G43B B 101 M
G43B B 201 M
G43B B 501 M
G43B B 102 M
G43B B 202 M
G43B B 502 M
G43B B 103 M
G43B B 203 M
G43B B 503 M
G43B B 104 M
G43B B 204 M
G43B B 504 M
G43B B 105 M
G43B B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43B
G43E Reverse Markings, Gull-Wing, Top Adjust
G43ET B 100 M
G43ET B 200 M
G43ET B 500 M
G43ET B 101 M
G43ET B 201 M
G43ET B 501 M
G43ET B 102 M
G43ET B 202 M
G43ET B 502 M
G43ET B 103 M
G43ET B 203 M
G43ET B 503 M
G43ET B 104 M
G43ET B 204 M
G43ET B 504 M
G43ET B 105 M
G43ET B 205 M
G43E B 100 M
G43E B 200 M
G43E B 500 M
G43E B 101 M
G43E B 201 M
G43E B 501 M
G43E B 102 M
G43E B 202 M
G43E B 502 M
G43E B 103 M
G43E B 203 M
G43E B 503 M
G43E B 104 M
G43E B 204 M
G43E B 504 M
G43E B 105 M
G43E B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43E
G43SA J-Hook, Side Adjust
G43SAT1 B 100 M
G43SAT1 B 200 M
G43SAT1 B 500 M
G43SAT1 B 101 M
G43SAT1 B 201 M
G43SAT1 B 501 M
G43SAT1 B 102 M
G43SAT1 B 202 M
G43SAT1 B 502 M
G43SAT1 B 103 M
G43SAT1 B 203 M
G43SAT1 B 503 M
G43SAT1 B 104 M
G43SAT1 B 204 M
G43SAT1 B 504 M
G43SAT1 B 105 M
G43SAT1 B 205 M
G43SA B 100 M
G43SA B 200 M
G43SA B 500 M
G43SA B 101 M
G43SA B 201 M
G43SA B 501 M
G43SA B 102 M
G43SA B 202 M
G43SA B 502 M
G43SA B 103 M
G43SA B 203 M
G43SA B 503 M
G43SA B 104 M
G43SA B 204 M
G43SA B 504 M
G43SA B 105 M
G43SA B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43SA
Effective Date April 2005


Similar Part No. - G43DB101M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G43 TAYCHIPST-G43 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
Mercury United Electron...
G43 MERCURY-G43 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
GTM CORPORATION
G431 GTM-G431 Datasheet
282Kb / 3P
   Adjustable Shunt Regulator
logo
E-Tech Electronics LTD
G431 ETL-G431 Datasheet
292Kb / 3P
   A d j u s t a b l e S h u n t R e g u l a t o r
logo
Microsemi Corporation
G43100B1EB1S MICROSEMI-G43100B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G43DB101M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GV4 TOCOS-GV4 Datasheet
293Kb / 6P
   4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
   3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com