Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G43BFB101M Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # G43BFB101M
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43BFB101M Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  G43BFB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 4Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 5Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 6Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 7Page - TOCOSAMERICA, INC. G43BFB101M Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
5/8
Tape & Reel Specifications
Embossed Tape Dimensions
Conforms to EIA-481, JIS-C-0806 and EIAJ-RC-1009B
G43AT, G43DT, G43BT, G43ET
Unit: mm
G43 Series
Reel Dimensions
Conforms to EIA-481, JIS-C-0806 and EIAJ-RC-1009B
G43AT, G43DT, G43BT, G43ET
G43SAT1
G43SAT1
4.9
0.1
7.2
0.1
3.1
0.1
3.3
0.1
0.3 0.05
12.0 0.2
5.5
0.05
Ø
1.5
0.1,
0
1.75 0.1
8.0 0.1
4.0 0.1
2.0 0.05
Direction of Feed
Ø
1.6 0.1
5.4
0.1
3.75
0.1
TOCOS
503
05
TOCOS
503
05
5.2
7.0
6.1
0.1
6.3
0.1
0.4 0.05
12.0 0.2
5.5
0.05
Ø
1.5
0.1,
0
1.75 0.1
8.0 0.1
4.0 0.1
2.0 0.05
Ø
1.6 0.1
5.2
3.6
Direction of Feed
TOCOS
503
05
Ø
178.0 2.0
Ø
13.0 0.5
13.0 0.3
Ø
60.0 1.0, 0
Ø
21.0 0.8
2.0 0.5
15.4 1.0
Ø
254.0 1.0
13.5 0.5
Ø
80.0 1.0
17.5 1.0
Ø
13.0 0.5
Ø
21.0 0.8
2.0 0.5
500 Pieces Per 7” Reel
750 Pieces Per 10” Reel
Effective Date April 2005


Similar Part No. - G43BFB101M

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
G43B SENSATA-G43B Datasheet
437Kb / 2P
   Single Pole Single Throw - Normally Closed
More results

Similar Description - G43BFB101M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GV4 TOCOS-GV4 Datasheet
293Kb / 6P
   4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
   3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com